Electronic Components Datasheet Search
  English  ▼

X  

RT9059B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9059B
Description  3A, Ultra-Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9059B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9059B Datasheet HTML 1Page - Richtek Technology Corporation RT9059B Datasheet HTML 2Page - Richtek Technology Corporation RT9059B Datasheet HTML 3Page - Richtek Technology Corporation RT9059B Datasheet HTML 4Page - Richtek Technology Corporation RT9059B Datasheet HTML 5Page - Richtek Technology Corporation RT9059B Datasheet HTML 6Page - Richtek Technology Corporation RT9059B Datasheet HTML 7Page - Richtek Technology Corporation RT9059B Datasheet HTML 8Page - Richtek Technology Corporation RT9059B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9059B
®
DS9059B-00
October 2018
www.richtek.com
1
©
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
General Description
The RT9059B is a high performance positive voltage
regulator designed for use in applications requiring very
low input voltage and very low dropout voltage at up to 3A.
It operates with a VIN as low as 1V and VDD voltage 3V
with programmable output voltage as low as 0.8V. The
RT9059B features ultra low dropout, ideal for applications
where VOUT is very close to VIN. Additionally, it has an
enable pin to further reduce power dissipation while
shutdown. The RT9059B provides excellent regulation over
variations in line, load and temperature. The RT9059B
provides a power good signal to indicate if the voltage
level of VO reaches 90% of its rating value.
Features
Output Current up to 3A
High Accuracy ADJ Voltage 1%
Dropout Voltage 350mV @ 3A Typically
VOUT Power Good Signal
VOUT Pull Low Resistance when Disable
Current Limiting Protection
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
Applications
Notebook PC Applications
Motherboard Applications
Pin Configuration
(TOP VIEW)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
3A, Ultra-Low Dropout Voltage Regulator
WDFN-10L 3x3
Package Type
QW : WDFN-10L 3x3 (W-Type)
RT9059B
Lead Plating System
G : Green (Halogen Free and Pb Free)
PS=YM
DNN
PS= : Product Code
YMDNN : Date Code
VOUT
VOUT
PGOOD
ADJ
VDD
VIN
VIN
EN
VIN
VOUT
9
8
7
1
2
3
4
5
10
6
11


Similar Part No. - RT9059B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
3A, Ultra-Low Dropout Voltage Regulator
More results

Similar Description - RT9059B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
3A ULTRA LOW-DROPOUT REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS378R00 TSC-TS378R00 Datasheet
178Kb / 4P
3A Ultra Low Dropout Voltage Regulator w/Disable
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
3A Ultra Low Dropout Positive Voltage Regulator
TS39301 TSC-TS39301 Datasheet
273Kb / 7P
3A Ultra Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS378RL00 TSC-TS378RL00 Datasheet
240Kb / 5P
3A Ultra Low Dropout Voltage Regulator w/Disable
logo
Exar Corporation
SPX1582 EXAR-SPX1582 Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator
XRP6275 EXAR-XRP6275 Datasheet
1Mb / 11P
3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
3A, Ultra-Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com