Electronic Components Datasheet Search
  English  ▼

X  

RT9059B Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9059B
Description  3A, Ultra-Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9059B Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9059B Datasheet HTML 1Page - Richtek Technology Corporation RT9059B Datasheet HTML 2Page - Richtek Technology Corporation RT9059B Datasheet HTML 3Page - Richtek Technology Corporation RT9059B Datasheet HTML 4Page - Richtek Technology Corporation RT9059B Datasheet HTML 5Page - Richtek Technology Corporation RT9059B Datasheet HTML 6Page - Richtek Technology Corporation RT9059B Datasheet HTML 7Page - Richtek Technology Corporation RT9059B Datasheet HTML 8Page - Richtek Technology Corporation RT9059B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9059B
2
DS9059B-00
October 2018
www.richtek.com
©
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
1, 2, 3
VOUT
Output voltage.
4
ADJ
Output voltage setting.
VOUT = VREF x (R1 + R2) / R2.
5
PGOOD
Power good open drain output.
6
EN
Enable control input.
7, 8, 9
VIN
Supply input voltage.
10
VDD
Supply voltage of control circuit.
11 (Exposed Pad) GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
Functional Pin Description
Typical Application Circuit
VOUT = 0.8 x (R1+R2)/R2
EN
ADJ
VOUT
RT9059B
GND
VDD
VDD
R1
R2
Chip Enable
VIN
VIN
10µF
PGOOD
1V to 5.5V
3V to 5.5V
VOUT
CIN
1µF
CVDD
COUT
10µF
RPGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com