Electronic Components Datasheet Search
  English  ▼

X  

TP8023 Datasheet(PDF) 5 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8023
Description  Average Current Type LED Buck Constant Current Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8023 Datasheet(HTML) 5 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8023 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8023 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8023 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8023 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8023 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TP8023
平均电流型 LED 降压恒流驱动器
V1.1
Shen Zhen TPOWER Semiconductor
5
封装形式
SOT23-6L
符号
毫米
最小值
标准值
最大值
A
1.00
-
1.45
A1
0.00
-
0.15
A2
0.90
-
1.30
b
0.31
-
0.50
c
0.08
-
0.22
D
2.90 BSC
E
2.80BSC
E1
1.60BSC
e
0.95BSC
e1
1.90BSC
L
0.30
0.45
0.60
0°
-
8°
注明: 本公司对本文档有修改的权利,本公司对本文档的修改恕不另行通知。



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com