Electronic Components Datasheet Search
  English  ▼

X  

TP8023 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8023
Description  Average Current Type LED Buck Constant Current Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8023 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8023 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8023 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8023 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8023 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8023 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TP8023
平均电流型 LED 降压恒流驱动器
V1.1
Shen Zhen TPOWER Semiconductor
1
概述
TP8023 是一款工作在固定关断时间控制模式的降压型
LED 恒流驱动器,用于高效地驱动多颗 LED。TP8023 采
用平均电流型的闭环恒流方式,系统应用时输出电流对电
感变化不敏感。这极大的提高了输出电流的恒流精度,特
别适用于 8~80V 输入电压范围的非隔离降压 LED 恒流驱动
电路。
TP8023 外置功率管,通过外部电阻可以设定 LED 输出的
平均电流,并且通过 MODE 脚外接高低电平可以实现 LED
输出的高低亮模式切换。当 MODE 脚接高电平时,LED 输
出 100%高亮模式,当 MODE 脚接低电平时,LED 输出 30%
低亮模式。这只需要很少的外围元件即可以实现 LED 输出
的高低亮模式切换,节约了系统的成本和体积。TP8023 集
成了 PWM 调光功能。LED 电流可以通过外部 PWM 调光
信号的占空比来进行调节,调光接口简单方便。
TP8023 集成了多种保护功能,以保证系统的稳定和可靠,
包括 LED 输出短路保护,LED 输出过流保护,芯片温度智
能控制和 VDD 供电欠压保护等。
特点
 系统宽输入电压范围:8~80V
 固定关断时间控制模式
 平均电流型的闭环恒流控制
 ±5%LED 输出电流精度
 LED 输出高低亮模式
 对电感变化不敏感
 集成 PWM 调光功能
 系统工作效率高
 VDD 内置 5.6V 稳压管
 芯片内置使能功能
 LED 输出短路保护
 芯片温度智能控制
 采用 SOT23-6L 封装
应用
 电动自行车 LED 照明
 摩托车 LED 照明
 其它 LED 照明
典型应用电路


Similar Part No. - TP8023

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8023N TPOWER-TP8023N Datasheet
566Kb / 5P
Average Current Type LED Buck Constant Current Driver
More results

Similar Description - TP8023

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8021 TPOWER-TP8021 Datasheet
548Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021N TPOWER-TP8021N Datasheet
534Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8022 TPOWER-TP8022 Datasheet
599Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8023N TPOWER-TP8023N Datasheet
566Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8020 TPOWER-TP8020 Datasheet
542Kb / 5P
Average Current Type LED Buck Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9818B HMSEMI-HM9818B Datasheet
640Kb / 5P
Built-in MOS average current type LED buck constant current driver
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
External MOS average current type LED buck constant current driver
HM9835 HMSEMI-HM9835 Datasheet
646Kb / 5P
Average current type LED buck constant current driver
HM9825 HMSEMI-HM9825 Datasheet
773Kb / 5P
Built-in MOS average current type LED buck constant current driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com