Electronic Components Datasheet Search
  English  ▼

X  

FP6115 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP6115
Description  340KHz, 2A, Asynchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6115 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP6115 Datasheet HTML 6Page - Feeling Technology Corp. FP6115 Datasheet HTML 7Page - Feeling Technology Corp. FP6115 Datasheet HTML 8Page - Feeling Technology Corp. FP6115 Datasheet HTML 9Page - Feeling Technology Corp. FP6115 Datasheet HTML 10Page - Feeling Technology Corp. FP6115 Datasheet HTML 11Page - Feeling Technology Corp. FP6115 Datasheet HTML 12Page - Feeling Technology Corp. FP6115 Datasheet HTML 13Page - Feeling Technology Corp. FP6115 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FP6115
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.65
11/14
The inductors in different shape and style are available from manufacturers. Shielded inductors
are small and radiate less EMI issue. But they cost more than unshielded inductors. The choice
depends on EMI requirement, price and size
.
Output Capacitor Selection
The output capacitor is required to maintain the DC output voltage. Low ESR capacitors are
preferred to keep the output voltage ripple low. In a buck converter circuit, output ripple voltage is
determined by inductor value, switching frequency, output capacitor value and ESR. The output ripple
is determined by:


OUT
C
L
O
C
f
8
1
ESR
I
V
OUT
Where f = operating frequency, COUT= output capacitance and ΔIL = ripple current in the inductor.
For a fixed output voltage, the output ripple is highest at maximum input voltage since ΔI
L increases
with input voltage.
Using Ceramic Input and Output Capacitors
Care must be taken when ceramic capacitors are used at the input and the output. When a
ceramic capacitor is used at the input and the power is supplied by a wall adapter through long wires, a
load step at the output can induce ringing at the input, VIN. In best condition, this ringing can couple to
the output and be mistaken as loop instability. In worst condition, a sudden inrush of current through
the long wires can potentially generate a voltage spike at VIN, which may large enough to damage the
part. When choosing the input and output ceramic capacitors, choose the one with X5R or X7R
dielectric formulations. These dielectrics have the best temperature and voltage characteristics of all
the ceramics for a given value and size.
Inductor Value (µH)
Dimensions(mm)
Component Supplier
Model
10
10.3×10.3×4.0
FENG-JUI
TPRH10D40-10R
10
10.1×10.1×3.0
Sumida
CDRH104R
15
10.3×10.3×4.0
FENG-JUI
TPRH10D40-15R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com