Electronic Components Datasheet Search
  English  ▼

X  

FP6115 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP6115
Description  340KHz, 2A, Asynchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6115 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP6115 Datasheet HTML 6Page - Feeling Technology Corp. FP6115 Datasheet HTML 7Page - Feeling Technology Corp. FP6115 Datasheet HTML 8Page - Feeling Technology Corp. FP6115 Datasheet HTML 9Page - Feeling Technology Corp. FP6115 Datasheet HTML 10Page - Feeling Technology Corp. FP6115 Datasheet HTML 11Page - Feeling Technology Corp. FP6115 Datasheet HTML 12Page - Feeling Technology Corp. FP6115 Datasheet HTML 13Page - Feeling Technology Corp. FP6115 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FP6115
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.65
13/14
Typical Application
VCC
EN
OCSET
LX
LX
FB
GND
GND
1
2
3
4
5
6
7
8
FP6115
VIN
VOUT
C2
220µF
C3
0.1µF
R3
2.49K
D1
SM340
C1
470pF
R1
2K
R2
10.5K
C5
220µF
C4
0.1µF
L1
22µH
FP6115 Basic DC-DC Regulator Circuits
For example:
The VIN power supply is 12V and the VOUT is designed for 5.0V / 2A solution.
The output voltage formula is:
V
0
.
5
V
8
.
0
K
2
0.5K
1
1
V
R
R
1
V
REF
1
2
OUT


Notice:
1. Tapping reel aluminum foil bags after unpacking must be stored at
≤10% RH
environment.
2. Tapping reel aluminum foil bags after unpacking must sure surface-mount is completed
within 168 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com