Electronic Components Datasheet Search
  English  ▼

X  

FP7103 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FP7103
Description  28V, 3A Buck Constant Current Switching Regulator for White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7103 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FP7103 Datasheet HTML 1Page - Feeling Technology Corp. FP7103 Datasheet HTML 2Page - Feeling Technology Corp. FP7103 Datasheet HTML 3Page - Feeling Technology Corp. FP7103 Datasheet HTML 4Page - Feeling Technology Corp. FP7103 Datasheet HTML 5Page - Feeling Technology Corp. FP7103 Datasheet HTML 6Page - Feeling Technology Corp. FP7103 Datasheet HTML 7Page - Feeling Technology Corp. FP7103 Datasheet HTML 8Page - Feeling Technology Corp. FP7103 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FP7103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.94
4/12
Marking Information
SOP-8L & SOP-8L (EP)
Halogen Free
Lot Number
Internal ID
Per-Half Month
Year
FP7103
Halogen Free: Halogen free product indicator
Lot Number: Wafer lot number
’s last two digits
For Example: 132386TB  86
Internal ID: Internal Identification Code
Per-Half Month: Production period indicated in half month time unit
For Example: January → A (Front Half Month), B (Last Half Month)
February → C (Front Half Month), D (Last Half Month)
Year: Production year
’s last digit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com