Electronic Components Datasheet Search
  English  ▼

X  

FP7103 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP7103
Description  28V, 3A Buck Constant Current Switching Regulator for White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7103 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP7103 Datasheet HTML 1Page - Feeling Technology Corp. FP7103 Datasheet HTML 2Page - Feeling Technology Corp. FP7103 Datasheet HTML 3Page - Feeling Technology Corp. FP7103 Datasheet HTML 4Page - Feeling Technology Corp. FP7103 Datasheet HTML 5Page - Feeling Technology Corp. FP7103 Datasheet HTML 6Page - Feeling Technology Corp. FP7103 Datasheet HTML 7Page - Feeling Technology Corp. FP7103 Datasheet HTML 8Page - Feeling Technology Corp. FP7103 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FP7103
28V, 3A Buck Constant Current Switching Regulator
for White LED
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.94
1/12
General Description
The FP7103 is a PWM control buck converter designed to provide a simple, high efficiency
solution for driving high power LEDs. With a 0.25V reference voltage feedback control to minimize
power dissipation, an external resistor sets the current as needed for driving various types of LEDs.
The FP7103 includes a high current P-MOSFET to realize high efficiency and excellent transient
characteristics. The PWM control circuit is able to change the duty ratio linearly from 0 up to 100%.
Other features include user accessible EN pin for enabling, thermal shutdown, cycle-by-cycle current
limit and over current protection.
Features
 Wide Supply Voltage Operating Range: 3.6 to 28V
 Built-in P-MOSFET for 3A Loading Capability
 Precision Feedback Reference Voltage: 0.25V (2%)
 Low Current Consumption: 4mA
 Internal Fixed Oscillator Frequency: 320KHz (Typ.)
 Internal Soft-Start Function (SS)
 Over Current Protection
 Package: SOP-8L& SOP-8L(EP)
Typical Application Circuit
FP7103
VIN
VCC
COMP
FB
EN
LX
LX
GND
GND
ON/OFF


Similar Part No. - FP7103

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7103 APITECH-FP7103 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP7103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Richtek Technology Corp...
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
List of Unclassifed Man...
XL3001 ETC2-XL3001 Datasheet
338Kb / 13P
3A 220KHz 40V Buck LED Constant Current Driver
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
Constant Current Buck Regulator
logo
Feeling Technology Corp...
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
Constant Current Switching Regulator for White LED
logo
XLSEMI
XL3001 XLSEMI-XL3001 Datasheet
379Kb / 13P
3A 220KHz 40V Buck LED Constant Current Driver
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com