Electronic Components Datasheet Search
  English  ▼

X  

AM22A Datasheet(PDF) 13 Page - Linkage Goston Electronics Co., LTD

Part # AM22A
Description  High Performance Switch Power Control ChIp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

AM22A Datasheet(HTML) 13 Page - Linkage Goston Electronics Co., LTD

Back Button AM22A Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD AM22A Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD AM22A Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD AM22A Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD AM22A Datasheet HTML 10Page - Linkage Goston Electronics Co., LTD AM22A Datasheet HTML 11Page - Linkage Goston Electronics Co., LTD AM22A Datasheet HTML 12Page - Linkage Goston Electronics Co., LTD AM22A Datasheet HTML 13Page - Linkage Goston Electronics Co., LTD AM22A Datasheet HTML 14Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
10.1 元器件清单
序号
元件名称
规格/型号
位号
数量
备注
1
保险丝
F2A/AC250V
F1
1
2
安规电容
104/AC275V
C1
1
3
二极管
IN4007
D1 D4
4
4
HER107
D5,D6
2
5
稳压二极管
16V/0.5W
ZD1
1
6
电解电容
22UF/400V
C2
1
7
22UF/16V
C4
1
8
220UF/25V
C5
1
9
瓷片电容
103/25V
C3
1
10
IC
AM22A
IC1
1
11
色环电阻器
4.7K/0.25W
R1
1
12
电感器
1.5mH
L1
1
十一、设计注意事项
10.1、功率器件是需要散热的,芯片的主要热量来自功率开关管,功率开关管与引脚5678
相连接,所以在PCB布线时,应该将引脚5678外接的铜箔的面积加大并作镀锡处理,以增大
散热能力。
10.2、芯片的5678引脚是芯片的高压部份,最高电压可达600V以上,所以在线路布置上要
与低压部份保证1.5mm以上的安全距离,以免电路出现击穿放电现象。
十一、封装尺寸
AM22A 高 性 能 开 关 电 源 控 制 芯 片 v1.6
- 13 -
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com