Electronic Components Datasheet Search
  English  ▼

X  

TM1803 Datasheet(PDF) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1803
Description  LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1803 Datasheet(HTML) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM1803 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1803 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1803 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1803 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1803 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1803 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1803 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1803 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1803 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
©Titan Micro Electronics
www.titanmec.com
V1.5
三通道 LED 驱动控制专用电路
TM1803
封装示意图(DIP8)
E
D
B1
B
e
A2
A1
A
L
E1
c
α
英寸
毫米
标号
最小
标准
最大
最小
标准
最大
A
0.170
4.31
A1
0.015
0.38
A2
0.124
0.134
0.144
3.15
3.4
3.65
B
0.015
0.018
0.020
0.38
0.46
0.51
B1
0.050
0.060
0.070
1.27
1.52
1.77
c
0.008
0.010
0.012
0.20
0.25
0.30
D
0.352
0.362
0.372
8.95
9.20
9.45
E
0.242
0.252
0.262
6.15
6.40
6.65
E1
0.300
7.62
e
0.100
2.54
L
0.118
0.130
0.142
3.00
3.30
3.60
α
0°
15°
0°
15°
All specs and applications shown above subject to change without prior notice.
(以上电路及规格仅供参考,如本公司进行修正,恕不另行通知)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com