Electronic Components Datasheet Search
  English  ▼

X  

TM1809 Datasheet(PDF) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1809
Description  LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1809 Datasheet(HTML) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM1809 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1809 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1809 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1809 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1809 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1809 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1809 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1809 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1809 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©Titan Micro Electronics
www.titanmec.com
V1.5
9 通道 LED 驱动控制专用电路
TM1809
封装示意图(SOP14)
D
e
b
L
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.007
0.010
D
8.360
8.760
0.329
0.345
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.270(BSC)
0.050(BSC)
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com