Electronic Components Datasheet Search
  English  ▼

X  

LD5525GL Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD5525GL
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5525GL Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD5525GL Datasheet HTML 7Page - Leadtrend Technology LD5525GL Datasheet HTML 8Page - Leadtrend Technology LD5525GL Datasheet HTML 9Page - Leadtrend Technology LD5525GL Datasheet HTML 10Page - Leadtrend Technology LD5525GL Datasheet HTML 11Page - Leadtrend Technology LD5525GL Datasheet HTML 12Page - Leadtrend Technology LD5525GL Datasheet HTML 13Page - Leadtrend Technology LD5525GL Datasheet HTML 14Page - Leadtrend Technology LD5525GL Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LD5525
06/30/2015
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5525-DS-00 June 2015
CS
VCC
GND
LD5525
RC filter is needed whenever the negative
spike is exceed - 0.3 V or the total spike
width is over 350 nS LEB period.
OUT
Fig. 10
Over Voltage Protection on VCC pin
(VCC OVP)
– Auto Recovery
The VGS ratings of the nowadays power MOSFETs are
often limited up to max. 28.5V. To prevent the VGS from
the fault condition, LD5525 is implemented with an OVP
function on VCC.
Whenever the VCC voltage is higher
than the OVP threshold voltage, the output gate drive
circuit will be shutdown simultaneously thus to stop the
switching of the power MOSFET until the next UVLO(ON).
The VCC OVP function in LD5525 is an auto-recovery
type protection. The Fig. 11 shows its operation.
On the other hand, if the OVP condition is removed, the
VCC level will get back to normal level and the output will
automatically return to the normal operation.
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig.11
Over Load Protection (OLP)
– Auto
Recovery
To protect the circuit from damage due to over-load
condition and short or open-loop condition, the LD5525 is
implemented with smart OLP function. It also features
auto
–recovery function, see Fig. 12 for the waveform. In
case of fault condition, the feedback system will force the
voltage loop toward the saturation and then pull the
voltage high on COMP pin (VCOMP).
When the VCOMP
ramps up to the OLP threshold of 4.5V and continues over
OLP delay time, the protection will be activated and then
turn off the gate output to stop the switching of power
circuit.
With the protection mechanism, the average input power
will be minimized to remain the component temperature
and stress within the safe operating area.
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
4.5V
t
OUT
OLP delay time
Switching
Switching
Non-Switching
OLP trip Level
UVLO(off)
OLP Reset
Fig. 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com