Electronic Components Datasheet Search
  English  ▼

X  

2510 Datasheet(PDF) 13 Page - Pentair plc. All rights reserved.

Part # 2510
Description  A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

2510 Datasheet(HTML) 13 Page - Pentair plc. All rights reserved.

Back Button 2510 Datasheet HTML 9Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 10Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 11Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 12Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 13Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 14Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 15Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 16Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 17Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2510 VALVE ACCESSORIES
Covers
60219-02 .....................Cover Assy, Environmental, Black
w/clear window
60219-12 .....................Cover Assy, Environmental, Black
w/black window
60232-110 ...................Cover, Designer, 1 pc. Black
60232-310 ...................Cover, Designer, Gray/Black
Bypasses
60041SS.......................1” Bypass, SS, NPT
60040SS.......................3/4” Bypass, SS, NPT
60049...........................Bypass, Plastic
Yokes
19620-01 .....................Yoke Assy, 3/4", r/angle, 90 deg.
18706...........................1" Yoke, Plastic NPT
18706-10 .....................1" Yoke, Plastic BSP
18706-02 .....................3/4" Yoke, Plastic NPT
18706-12 .....................3/4" Yoke, Plastic BSP
13708-40 .....................1” Yoke, Sweat
41026-01 .....................1” Yoke, SS, NPT
42690...........................3/4” Yoke, Sweat
41027-01 .....................3/4” Yoke, SS, NPT
Washers
19153...........................Washer, Flow, 0.6 GPM
19152...........................Washer, Flow, 0.8 GPM
12085...........................Washer, Flow, 1.2 GPM
19150...........................Washer, Flow, 1.3 GPM
12086...........................Washer, Flow, 1.5 GPM
12087...........................Washer, Flow, 2.0 GPM
12088...........................Washer, Flow, 2.4 GPM
12089...........................Washer, Flow, 3.0 GPM
12090...........................Washer, Flow, 3.5 GPM
12091...........................Washer, Flow, 4.0 GPM
19147...........................Washer, Flow, 4.5 GPM
12092...........................Washer, Flow, 5.0 GPM
17814...........................Washer, Flow, 6.0 GPM
12408...........................Washer, Flow, 7.0 GPM
Drain Elbows
19699...........................1/2" Drain Elbow, 45
13121...........................5/8" Drain Elbow, 90
Hose Barbs
13308...........................1/2" Straight Hose Barb
13308-01 .....................5/8" Straight Hose Barb
Collectors
18280...........................Top Collector, 1.050
18280-01 .....................Top Collector, 1.050 Wide
18280-02 .....................Top Collector, 1.050 Narrow
DLFC
60705-00 .....................DLFC, Plastic, Blank
60706-8.0 ....................DLFC, QC x 3/4”F, 8.0 GPM
60706-9.0 ....................DLFC, QC x 3/4”F, 9.0 GPM
60706-10 .....................DLFC, QC x 3/4”F, 10 GPM
60706-12 .....................DLFC, QC x 3/4”F, 12 GPM
60706-15 .....................DLFC, QC x 3/4”F, 15 GPM
BYPASS
COVER, ENVIRONMENTAL
WASHER
DRAIN ELBOW
COLLECTOR
YOKE
COVER, DESIGNER
HOSE BARBS
DLFC
FLECK 2510 Service Manual • 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com