Electronic Components Datasheet Search
  English  ▼

X  

2510 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # 2510
Description  A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

2510 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  2510 Datasheet HTML 1Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 2Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 3Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 4Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 5Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 6Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 7Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 8Page - Pentair plc. All rights reserved. 2510 Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2 • FLECK 2510 Service Manual
TABLE OF CONTENTS
JOB SPECIFICATION SHEET ...............................................2
INSTALLATION.....................................................................3
START-UP INSTRUCTIONS..................................................3
3200 TIMER SETTING PROCEDURE....................................4
3210 TIMER SETTING PROCEDURE....................................4
3200, 3210, 3220, 3230 REGENERATION CYCLE
SETTING PROCEDURE .......................................................5
3200 TIME CLOCK TIMER ASSEMBLY.................................6
3210 METER DELAYED TIMER ASSEMBLY.........................8
3220 METER IMMEDIATE TIMER ASSEMBLY ...................10
2510 SXT VALVE.................................................................12
2510 MANUAL VALVE ........................................................12
2510 ELECTROMECHANICAL SOFTENER METER............12
2510 ELECTROMECHANICAL SOFTENER TIME CLOCK...12
2510 ELECTROMECHANICAL FILTER TIME CLOCK.........12
2510 VALVE ACCESSORIES ...............................................13
2510 VALVE CONVERSION ASSEMBLIES..........................14
POWERHEAD ASSEMBLY (ENVIRONMENTAL).................16
MANUAL POWERHEAD ASSEMBLY ..................................18
CONTROL VALVE ASSEMBLY............................................19
METER ASSEMBLY ............................................................21
1600 BRINE SYSTEM ASSEMBLY......................................22
1650 BRINE SYSTEM .........................................................23
BYPASS VALVE ASSEMBLY (PLASTIC)..............................24
BYPASS VALVE ASSEMBLY (METAL) ................................25
2300 SAFETY BRINE VALVE ..............................................26
2310 SAFETY BRINE VALVE ..............................................27
SEAL & SPACER TOOLS & REPLACEMENT .....................29
GENERAL SERVICE HINTS FOR METER CONTROL..........30
TROUBLESHOOTING..........................................................31
FLOW DATA & INJECTOR DRAW RATES ..........................32
WIRING...............................................................................33
SERVICE ASSEMBLIES ......................................................34
JOB SPECIFICATION SHEET
Job Number: ______________________________________________
Model Number:____________________________________________
Water Hardness: __________________________________ ppm or gpg
Capacity Per Unit:__________________________________________
Mineral Tank Size: ___________ Diameter: ________Height:________
Salt Setting per Regeneration:________________________________
1. Type of Timer:
A. 7 Day or 12 Day
B. Meter Initiated
2. Downflow:
Upflow
Upflow Variable
3. Meter Size:
A. 3/4-inch Std Range (125 - 2,100 gallon setting)
B. 3/4-inch Ext Range (625 - 10,625 gallon setting)
C. 1-inch Std Range (310 - 5,270 gallon setting)
D. 1-inch Ext Range (1,150 - 26,350 gallon setting)
E. 1-1/2 inch Std Range (625 - 10,625 gallon setting)
F. 1-1/2 inch Ext Range (3,125 - 53,125 gallon setting)
G. 2-inch Std Range (1,250 - 21,250 gallon setting)
H. 2-inch Ext Range (6,250 - 106,250 gallon setting)
I. 3-inch Std Range (3,750 - 63,750 gallon setting)
J. 3-inch Ext Range (18,750 - 318,750 gallon setting)
K. Electronic ____Pulse Count ___ Meter Size ____________
4. System Type:
A. System #4: 1 Tank, 1 Meter, Immediate, or Delayed Regeneration
B. System #4: Time Clock
C. System #4: Twin Tank
D. System #5: 2-5 Tanks, Interlock Mechanical
2-4 Tanks, Interlock Electronic
Meter per unit for Mechanical and Electronic
E. System #6: 2-5 Tanks, 1 Meter, Series Regeneration, Mechanical
2-4 Tanks, 1 Meter, Series Regeneration, Electronic
F. System #7: 2-5 Tanks, 1 Meter, Alternating Regeneration,
Mechanical
2 Tanks only, 1 Meter, Alternating Regeneration, Electronic
G. System #9: Electronic Only, 2-4 Tanks, Meter per Valve, Alternating
H. System #14: Electronic Only, 2-4 Tanks, Meter per Valve. Brings
units on and offline based on flow.
5. Timer Program Settings:
A. Backwash:______________________________ Minutes
B. Brine and Slow Rinse:_____________________ Minutes
C. Rapid Rinse: ____________________________ Minutes
D. Brine Tank Refill: ________________________ Minutes
E. Pause Time: ____________________________ Minutes
F. Second Backwash: _______________________ Minutes
6. Drain Line Flow Control:______________________gpm
7. Brine Line Flow Controller:____________________gpm
8. Injector Size#: _____________________________
9. Piston Type:
A. Hard Water Bypass
B. No Hard Water Bypass
CALIFORNIA PROPOSITION 65 WARNING
WARNING: This product contains chemicals known to the
State of California to cause cancer or birth
defects or other reproductive harm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com