Electronic Components Datasheet Search
  English  ▼

X  

TD1509PR Datasheet(PDF) 6 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD1509PR
Description  2A 150KHz PWM Buck DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD1509PR Datasheet(HTML) 6 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD1509PR Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
 
 
 
 
December,  20,  2005.                                         Techcode  Semiconductor  Limited                                    www.techcodesemi.com 
6 
Techcode®
2A 150KHz PWM Buck DC/DC Converter
TD1509
DATASHEET
Electrical Characteristics(Cont.) 
Specifications with boldface type are for full operationg temperature range, the other type are for TJ=25
OC. 
Note1: Thermal resistance with copper area of approximately 3 in
2. 
 
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
TD1509
ADJ
Vout: Output
Voltage
11V≤VIN≤45V,
0.2A≤ILOAD≤3A,
VOUT
for 9V
1.193/
1.180
1.23
1.267/
1.280
V
η: Efficiency
VIN=12V,VOUT=9V,ILOAD
=3A
88
%
TD1509
5V
Vout: Output
Voltage
7V≤VIN≤45V,
0.2A≤ILOAD≤3A
4.800/
4.750
5.0
5.200/
5.250
V
η: Efficiency
VIN=12V, ILOAD=3A
83
%
TD1509
3.3V
Vout: Output
Voltage
4.75V≤VIN≤45V,
0.2A≤ILOAD≤2A
3.168/
3.135
3.3
3.432/
3.465
V
η: Efficiency
VIN=12V, ILOAD=2A
76
%
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com