Electronic Components Datasheet Search
  English  ▼

X  

TD1509PR Datasheet(PDF) 10 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD1509PR
Description  2A 150KHz PWM Buck DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD1509PR Datasheet(HTML) 10 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD1509PR Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 11Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 12Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 13Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 14Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
 
 
 
 
December,  20,  2005.                                         Techcode  Semiconductor  Limited                                    www.techcodesemi.com 
10 
Techcode®
2A 150KHz PWM Buck DC/DC Converter
TD1509
DATASHEET
Figure 12. Typical Application of TD1509 For ADJ 
Note:In PCB layout. Reserved an area for CFF
 
Vout
R1
R2
Cf (Operational)
3.3V
1.6K
2.7K
33nf
5V
3.6K
11K
10nf
9V
6.8K
43K
1.5nf
12V
1.5K
13K
1nf
Table 3. Vout VS. R1, R2, Cf Select Table 
Output
Voltage
Input
Voltage
Inductor (L1)
Output Capacitor (Cout)
Through Hole Electrolytic
3.3V
6V ~ 18V
47uh
470uf/25V
6V ~36V
68uh
560uf/25V
5V
8V ~ 18V
33uh
330uf/25V
8V ~36V
47uh
470uf/25V
9V
12V ~18V
47uh
330uf/25V
12V ~36V
47uh
470uf/25V
12V
15V ~ 18V
47uh
220uf/25V
15V ~36V
47uh
330uf/25V
Table 4. Typical Application Buck Regulator Design Procedure 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com