Electronic Components Datasheet Search
  English  ▼

X  

MSM6779B Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6779B
Description  160-DOT SEGMENT DRIVER (TCP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6779B Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6779B Datasheet HTML 1Page - OKI electronic componets MSM6779B Datasheet HTML 2Page - OKI electronic componets MSM6779B Datasheet HTML 3Page - OKI electronic componets MSM6779B Datasheet HTML 4Page - OKI electronic componets MSM6779B Datasheet HTML 5Page - OKI electronic componets MSM6779B Datasheet HTML 6Page - OKI electronic componets MSM6779B Datasheet HTML 7Page - OKI electronic componets MSM6779B Datasheet HTML 8Page - OKI electronic componets MSM6779B Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MSM6779B
¡ Semiconductor
5/9
PEDL6779B-01
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
"H" level Input Voltage
VIH
—*1
0.8 VDD
——
V
"L" level Input Voltage
VIL
—*1
—
—
0.2 VDD
V
"H" level Input Current
IIH
VI=VDD, VDD=5.5 V *1
——
1
mA
"L" level Input Current
IIL
VI=0 V, VDD=5.5 V *1
——–1
mA
"H" level output Voltage
VOH
IO=–0.2 mA, VDD=2.7 V *2
VDD–0.4
—
—
V
"L" level output Voltage
VOL
IO=0.2 mA, VDD=2.7 V *2
—
—
0.4
V
ON Resistance
RON
VDD–VEE=25 V,
VDD=2.7 V,
I VN–VO I=0.25 V *3 *4
—
1.5
3.0
kW
(VDD=2.7 V to 5.5 V, Ta=–20 to +75˚C)
Stand-by Current Consumption
IDD
SBY
fCP=6.5 MHz, VDD=3.0 V
VDD–VEE=25 V,
No load *5, fLOAD=21.6kHz
—
—
300
mA
Current Consumption (1)
IDD
fCP=6.5 MHz, VDD=3.0 V
VDD–VEE=25 V,
No load *6, fLOAD=21.6kHz
—
—
1.5
mA
Current Consumption (2)
IEE
fCP=6.5 MHz, VDD=3.0 V
VDD–VEE=25 V,
No load *7, fLOAD=21.6kHz
—
—
2.0
mA
Current Consumption (3)
IV
fCP=6.5 MHz, VDD=3.0 V
VDD–VEE=25 V,
No load *8, fLOAD=21.6kHz
——
±200
mA
Input Capacitance
CI
f=1 MHz
—
5
—
pF
*1 Applicable to LOAD, CP, D0~D3, EIO1, EIO2, SHL, DF, DISPOFF pins
*2 Applicable to EIO1, EIO2 pins
*3 VN=VDD to VEE, V4=14/16 (VDD–VEE), V3=2/16 (VDD–VEE), VDD=V1
*4 Applicable to O1 to O160 pins
*5 Display data 1010.....fDF = 45 Hz, Current from VDD to VSS when the display data is not
fetching.
*6 Display data 1010.....fDF = 45 Hz, Current from VDD to VSS when the display data is
fetching.
*7 Display data 1010.....fDF = 45 Hz, Current from VDD to VEE
*8 Display data 1010.....fDF = 45 Hz, Current on V1, V3, and V4 pins.
V1=VIL=VIR, V3=V3L=V3R, V4=V4L=V4R, VEE=VEEL=VEER
Note: The above values are quaranteed when TCP is protected from light.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com