Electronic Components Datasheet Search
  English  ▼

X  

MSM6779B Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6779B
Description  160-DOT SEGMENT DRIVER (TCP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6779B Datasheet(HTML) 7 Page - OKI electronic componets

  MSM6779B Datasheet HTML 1Page - OKI electronic componets MSM6779B Datasheet HTML 2Page - OKI electronic componets MSM6779B Datasheet HTML 3Page - OKI electronic componets MSM6779B Datasheet HTML 4Page - OKI electronic componets MSM6779B Datasheet HTML 5Page - OKI electronic componets MSM6779B Datasheet HTML 6Page - OKI electronic componets MSM6779B Datasheet HTML 7Page - OKI electronic componets MSM6779B Datasheet HTML 8Page - OKI electronic componets MSM6779B Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MSM6779B
¡ Semiconductor
7/9
PEDL6779B-01
FUNCTIONAL DESCRIPTION
Pin Descriptions
VDD, VSS
Power supply for the device. VDD is set to 2.7 V to 5.5 V. VSS is set to 0 V.
V1L, V1R, V3L, V3R, V4L, V4R, VEEL, VEER
Bias power supply for the LCD drive voltages. Power supply should be
VDD≥V1>V3>V4>VEE.
DISPOFF
Input for controlling the output level of O1 to O160. The V1 level is output from O1 to O160 pins
during "L" level input. Refer to Truth Table.
DF
Input for LCD drive wave form AC synchronization.
O1~O160
LCD drive outputs that correspond to each bit of the latch (II). Depending on the combination
of the contents of the latch (display data) and DF signal, one of 4 levels (V1, V3, V4, VEE) is output.
Refer to Truth Table.
CP
Clock pulse input for display data reading. Data is taken into the latch (I) at the falling edge of
the clock pulse.
Use an even number for the clock number per line (the number of the clock pulses during the
period from Load input to the next Load input).
EIO1, EIO2
Chip Select Signal Input/Output. Input/Output are controlled by the SHL input. If the SHL
input at "L"level,EIO1 is output and EIO2 is input. If the SHL input is at "H" level,EIO1 is input
and EIO2 is output. If the SHL is at "L" level, the first EIO2 is fixed to "L"level,and the following
EIO2 is connected to the preceding EIO1. If the SHL is at "H"level,the first EIO1 is fixed to "L" level,
and the following EIO1 is connected to the preceding EIO2 as shown below.
When SHL is at "L" level
When SHL is at "H" level
Start data
O160
EIO2
EIO1
O1
End data
EIO2
EIO1
EIO2
End data
O160
EIO1
EIO1
O1
Start data
EIO2
EIO1
EIO2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com