Electronic Components Datasheet Search
  English  ▼

X  

TD9516 Datasheet(PDF) 1 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD9516
Description  Power-Distribution Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD9516 Datasheet(HTML) 1 Page - TECHCODE SEMICONDUCTOR, INC.

  TD9516 Datasheet HTML 1Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October, 20, 2011.
Techcode Semiconductor Limited
www.techcodesemi.com
1
Techcode®
USB Power-Distribution Switches
TD9516/TD9517/TD9518/TD9519
DATASHEET
General Description
The TD9516/TD9517/TD9518/TD9519 series of power
switches are designed for USB applications. The
62mN-channel MOSFET power switch satisfies the voltage
drop requirements of USB specification.
The protection features include current-limit protection,
short-circuit protection, and over-temperature
protection.The device limits the output current at current
limit threshold level. When VOUT drops below 1.5V, the devices
limit the current to a lower and safe level. The
over-temperature protection limits the junction temperature
below 140oC in case of short circuit or over load
conditions.Other features include a deglitched OCB output to
indicate the fault condition and an enable input to enable or
disable the device.
Features
62mΩ High Side MOSFET
Wide Supply Voltage Range: 2.7V to 5.5V
Current-Limit and Short-Circuit Protections
Over-Temperature Protection
Fault Indication Output
Enable Input
Lead Free and Green Devices Available
Applications
Notebook and Desktop Computers
USB Ports
High-Side Power Protection Switches
Pin Configurations
SOT-23-5(Top View)
TD9516A/TD9517A
SOT-23-5(Top View)
TD9518A/TD9519A
SOT-23-5(Top View)
TD9516B/TD9517B
SOT-23-5(Top View)
TD9518B/TD9519B
Figure Pin Configuration of TD9516/TD9517/TD9518/TD9519(Top View)


Similar Part No. - TD9516

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD9000 TECHCODE-TD9000 Datasheet
557Kb / 17P
High-Performance PWM Controller
logo
Transko Electronics, In...
TD902AP2 TRANSKO-TD902AP2 Datasheet
769Kb / 6P
GSM SAW Duplexer
Revision 0: September 2008
TD902BP2 TRANSKO-TD902BP2 Datasheet
729Kb / 6P
GSM SAW Duplexer
Revision 0: March 2009
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
Standalone Linear Li-lon Battery Charger with Thermal Regulation
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
More results

Similar Description - TD9516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com