Electronic Components Datasheet Search
  English  ▼

X  

TD9516 Datasheet(PDF) 14 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD9516
Description  Power-Distribution Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD9516 Datasheet(HTML) 14 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD9516 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 11Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 12Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 13Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 14Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 15Page - TECHCODE SEMICONDUCTOR, INC. TD9516 Datasheet HTML 16Page - TECHCODE SEMICONDUCTOR, INC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
October, 20, 2011.
Techcode Semiconductor Limited
www.techcodesemi.com
14
Techcode®
USB Power-Distribution Switches
TD9516/TD9517/TD9518/TD9519
DATASHEET
Application Information
Input Capacitor
A 1F ceramic bypass capacitor from VIN to GND, located near
the TD951X, is strongly recommended to suppress the ringing
during short circuit fault event. Without the bypass capacitor,
the output short may cause sufficient ringing on the input
(from supply lead inductance) to damage internal control
circuitry.
Output Capacitor
A low-ESR 10F aluminum electrolytic or tantalum between
VOUT and GND is strongly recommended to reduce the voltage
drop during hot-attachment of downstream peripheral. (Per
USB 2.0, output ports must have a minimum 120F of
low-ESR bulk capacitance per hub).
Higher-value output capacitor is better when the output load
is heavy. Additionally, bypassing the output with a 0.1F
ceramic capacitor improves the immunity of the device to
short-circuit transients.
Layout Consideration
The PCB layout should be carefully performed to maximize
thermal dissipation and to minimize voltage drop, droop and
EMI. The following guidelines must be considered:
1. Please place the input capacitors near the VIN pin as close
as possible.
2. Output decoupling capacitors for load must be placed near
the load as close as possible for decoupling highfrequency
ripples.
3. Locate TD951X and output capacitors near the load to
reduce parasitic resistance and inductance for excellent load
transient performance.
4. The negative pins of the input and output capacitors and
the GND pin must be connected to the ground plane of the
load.
5. Keep VIN and VOUTtraces as wide and short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com