Electronic Components Datasheet Search
  English  ▼

X  

PD601CX Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PD601CX
Description  N- & P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PD601CX Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PD601CX Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV1.0
1
H-28-4
N- & P-Channel Enhancement Mode Field
Effect Transistor
PD601CX
TO-252-5
Halogen-Free & Lead-Free
NIKO-SEM
100% UIS Tested
100% Rg Tested
D2
S2
G2
S1
D1
G1
Features
• Pb−Free, Halogen Free and RoHS compliant.
• Low R
DS(on) to Minimize Conduction Losses.
• Ohmic Region Good R
DS(on) Ratio.
• Optimized Gate Charge to Minimize Switching Losses.
Applications
• Protection Circuits Applications.
• Logic/Load Switch Circuits Applications.
• DC Motor for BLDC Applications.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
Q2
Q1
UNITS
Drain-Source Voltage
VDS
-30
30
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
2
TC = 25 °C
ID
-25
23
A
TC = 100 °C
-16
15
Pulsed Drain Current
1
IDM
-65
55
Avalanche Current
IAS
-20
13
Avalanche Energy
L = 0.1mH
EAS
20
8.4
mJ
Power Dissipation
TC = 25 °C
PD
32
24
W
TC = 100 °C
12.8
9.6
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
Q2
-30V
28mΩ
-25A
Q1
30V
22mΩ
23A
G. GATE
D. DRAIN
S. SOURCE


Similar Part No. - PD601CX

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD6012 NIEC-PD6012 Datasheet
213Kb / 3P
DIODE MODULE 60A/1200 to 1600V
PD6012 NIEC-PD6012 Datasheet
151Kb / 2P
60A Avg 1200 1600 Volts
PD6016 NIEC-PD6016 Datasheet
213Kb / 3P
DIODE MODULE 60A/1200 to 1600V
PD6016 NIEC-PD6016 Datasheet
151Kb / 2P
60A Avg 1200 1600 Volts
logo
National Instruments Co...
PD6016 NI-PD6016_15 Datasheet
773Kb / 2P
DIODE
More results

Similar Description - PD601CX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P6503NJ ETC1-P6503NJ Datasheet
475Kb / 8P
N&P-Channel Enhancement Mode Field Effect Transistor
P6803NAG ETC2-P6803NAG Datasheet
127Kb / 8P
N- & P-Channel Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
P2402OV NIKOSEM-P2402OV Datasheet
311Kb / 9P
N- & P-Channel Enhancement Mode Field Effect Transistor
P5506NV NIKOSEM-P5506NV Datasheet
340Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PA110NV NIKOSEM-PA110NV Datasheet
345Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PA500CA NIKOSEM-PA500CA Datasheet
319Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PB502CW NIKOSEM-PB502CW Datasheet
393Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PD609CX NIKOSEM-PD609CX Datasheet
373Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PZ607UZ NIKOSEM-PZ607UZ Datasheet
488Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PK615CA NIKOSEM-PK615CA Datasheet
557Kb / 9P
N- & P-Channel Enhancement Mode Field Effect Transistor
REV1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com