Electronic Components Datasheet Search
  English  ▼

X  

PD601CX Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PD601CX
Description  N- & P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PD601CX Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PD601CX Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PD601CX Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REV1.0
2
H-28-4
N- & P-Channel Enhancement Mode Field
Effect Transistor
PD601CX
TO-252-5
Halogen-Free & Lead-Free
NIKO-SEM
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
RJA
Q2
62.5
°C / W
Q1
62.5
Junction-to-Case
RJC
Q2
3.9
Q1
5.2
1Pulse width limited by maximum junction temperature.
2Package limitation current :Q1=15A,Q2=-15A
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250A
Q2
-30
V
VGS = 0V, ID = 250A
Q1
30
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250A
Q2
-1
-1.6
-2.5
VDS = VGS, ID = 250A
Q1
1
1.6
2.5
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
Q2
±100
nA
VDS = 0V, VGS = ±20V
Q1
±100
Zero Gate Voltage Drain Current
IDSS
VDS = -24V, VGS = 0V
Q2
-1
A
VDS = 24V, VGS = 0V
Q1
1
VDS = -20V, VGS = 0V, TJ = 55 °C
Q2
-10
VDS = 20V, VGS = 0V, TJ = 55 °C
Q1
10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = -4.5V, ID = -5A
Q2
27.6
45
mΩ
VGS = 4.5V, ID = 6A
Q1
17
32
VGS = -10V, ID = -6A
Q2
18
28
VGS = 10V, ID = 7A
Q1
12.7
22
Forward Transconductance
1
gfs
VDS = -5V, ID = -6A
Q2
20
S
VDS = 5V, ID = 7A
Q1
33
DYNAMIC
Input Capacitance
Ciss
Q2
VGS = 0V, VDS = -15V, f = 1MHz
Q1
VGS = 0V, VDS = 15V, f = 1MHz
Q2
934
pF
Q1
343
Output Capacitance
Coss
Q2
152
Q1
74
Reverse Transfer Capacitance
Crss
Q2
126
Q1
46
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
Q2
12
Ω
Q1
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com