| Electronic Components Datasheet Search |
|
MSM6791 Datasheet(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM6791 Datasheet(HTML) 4 Page - OKI electronic componets |
|
4 / 10 page ![]() ¡ Semiconductor MSM6791 PIN DESCRIPTION Power supply Ground Oscillator Oscillator IC test. Use this pin by setting to ‘L’ level. IC test. Use this pin by setting to ‘H’ level. Read/write head address Clock to take the serial address data in the internal register Serial address data taken in the address register to the internal address counter Clock to read and write the information of the data register. The internal operation starts by the fall edge of RWCK. In a read mode, the data taken in XDIN is latched and it is output to the DOUT pin. In a write mode, the DI/O output data of MSM6688/6788/6789 is taken in the DIN pin of the DRAM. In addition, the internal address counter automatically increments by the fall edge of RWCK and the address data output from A0 to A11. Select a read mode and write mode. DRAM control DRAM address DRAM control DRAM control Data input Data output Chip select data in connecting DRAM By inputting a "L" level signal to each pin, up to 32M-bit of memory (8M-bit of memory for each pin) can be controlled for four Pins. These pins become the input pins to select the highest address in 16M-bit DRAM connection. Set the connecting pattern of DRAM. Symbol VDD GND XT XT TEST TEST SAD SAS TAS RWCK WE XWE A0~A11 RAS CAS1 CAS8 XDIN DOUT CS1 CS2 CS3 CS4 M1 M2 Type – – I O I I I I I I I O O O O I O I I Connecting Mode Mode 0 Mode 1 Mode 2 Mode 3 M2 L L H H M1 L H L H DRAM Connecting Pattern 1M-bit DRAM ¥ 1~8pcs. connectable 4M-bit DRAM ¥ 1~8pcs. connectable (4M-bit DRAM ¥ 1pcs.) + (1M-bit DRAM ¥ 0~3pcs.) connectable 16M-bit DRAM ¥ 1~2pcs. connectable Description |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |