Electronic Components Datasheet Search
  English  ▼

X  

MSM6791 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6791
Description  DRAM Interface IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6791 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6791 Datasheet HTML 1Page - OKI electronic componets MSM6791 Datasheet HTML 2Page - OKI electronic componets MSM6791 Datasheet HTML 3Page - OKI electronic componets MSM6791 Datasheet HTML 4Page - OKI electronic componets MSM6791 Datasheet HTML 5Page - OKI electronic componets MSM6791 Datasheet HTML 6Page - OKI electronic componets MSM6791 Datasheet HTML 7Page - OKI electronic componets MSM6791 Datasheet HTML 8Page - OKI electronic componets MSM6791 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
¡ Semiconductor
MSM6791
GENERAL DESCRIPTION
The MSM6791 can be used as a memory for voice data by connecting OKI solid-state recording
and playback ICs (MSM6688 and MSM6788).
FEATURES
• DRAM (¥ 1-bit configuration)
1M-bit DRAM (MSM511000A, MSM511001A) : 8 pcs. can be connected.
4M-bit DRAM (MSM514100A, MSM514101A) : 8 pcs. can be connected.
16M-bit DRAM (MSM5116100A)
: 2 pcs. can be connected.
Note:
MSM511002A/MSM514102A that corresponds to a static column mode cannot be used.
• Power supply voltage :
5V single rail
• Built-in refresh circuit (RAS only refresh)
• Original oscillation frequency:
8MHz
• Bit rates:
10kbps, 12.5kbps, 16kbps in MSM6788
connection (8kHz sampling fixation)
7.5kbps, 9.4kbps, 12kbps in MSM6788
connection (6kHz sampling fixation)
16kbps~32kbps in MSM6688 connection
(4kHz~8kHz sampling)
• Package:
44-pin plastic QFP (QFP44-P-910-2K) (Product name : MSM6791GS-2K)
¡ Semiconductor
MSM6791
DRAM Interface IC


Similar Part No. - MSM6791

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6794 OKI-MSM6794 Datasheet
170Kb / 34P
DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM
More results

Similar Description - MSM6791

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6690 OKI-MSM6690 Datasheet
182Kb / 8P
ROM Interface IC
MSM6691 OKI-MSM6691 Datasheet
168Kb / 7P
DRAM Interface IC
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
IC card interface
1999 Oct 12
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
LCD Interface IC
CXD3508TQ SONY-CXD3508TQ Datasheet
258Kb / 18P
LCD Interface IC
logo
NXP Semiconductors
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
IC card interface
2004 July 12
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872-000E AVAGO-HCPL-0872-000E Datasheet
212Kb / 12P
Digital Interface IC
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
IC card interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com