Electronic Components Datasheet Search
  English  ▼

X  

ASM1064 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ASM1064
Description  SATA 6Gbps Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASM1064 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ASM1064 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ASM1061 Data Sheet
13
Symbols
Parameter
2.5GT/ s
5GT/ s
Unit
Remark
D-
Min
0
0
VTX-I DLE-DI FF-A
C- p
Electrical idle Differential Peak
Output Voltage
Max
20
20
mV
Min
0
VTX-I DLE-DI FF-D
C
DC Electrical Idle Differential
Output Voltage
Max
Not
Specified
5
mV
VTX-RCV-DETECT
The amount of voltage change
allowed during Receiver
Detection
Max
600
600
mV
Min
75
75
CTX
AC Coupling Capacitor
Max
200
200
nF
I TX-SHORT
Transmitter Short-Circuit
Current Limit
Max
90
90
mA
Min
80
ZTX-DI FF-DC
DC Differential Tx impedance
Max
120
120
Ω
TMI N-PULSE
Instantaneous lone pulse width
Min
Not
Specified
0.9
UI
TTX-EYE
Transmitter Eye including all
jitter sources
Min
0.75
0.75
UI
TTX-EYE-MEDI AN
- to- MAX- JI TTER
Maximum time between the
jitter median and max deviation
from the median
Max
0.125
Not
Specified
UI
TTX-HF-DJ-DD
Tx deterministic jitter >1.5MHz
Max
Not
Specified
0.15
UI
TTX-LF-RMS
Tx RMS jitter <1.5MHz
Not
Specified
3.0
ps
TTX-RI SE-FALL
Transmitter rise and fall time
Min
0.125
0.15
UI
TRF-MI SMATCH
Tx rise/fall mismatch
Max
Not
Specified
0.1
UI
TTX-I DLE-MI N
Minimum time spent in Electrical
Idle
Min
20
20
ns
TTX-I DLE-SET-TO
- I DLE
Maximum time to transition to a
valid Electrical Idle after sending
an EIOS
Max
8
8
ns
TTX-I DLE-TO-DI F
F- DATA
Maximum time to transition to
valid diff signing after leaving
Electrical Idle
Max
8
8
ns
TCROSSLI NK
Crosslink random timeout
Max
1.0
1.0
ms
LTX-SKEW
Lane-to-Lane Output Skew
Max
500ps +
2UI
500ps +
4UI
ps
BWTX-PLL
Maximum Tx PLL bandwidth
Max
22
16
MHz
BWTX-PLL-LO-3
DB
Minimum Tx PLL BW for 3dB
peaking
Min
1.5
8
MHz
BWTX-PLL-LO-1
DB
Minimum Tx PLL BW for 1dB
peaking
Min
Not
Specified
5
MHz
PKGTX-PLL1
Tx PLL peaking with 8MHz min
BW
Max
Not
Specified
3.0
dB
PKGTX-PLL2
Tx PLL peaking with 5MHz min
BW
Max
Not
Specified
1.0
dB
RLTX-DI FF
Tx package plus Si differential
return loss
Min
10
10
dB
RLTX-CM
Tx package plus Si common
mode return loss
Mn
6
6
dB
Differential Receiver I nput Ranges
Symbols
Parameter
2.5GT/ s
5GT/ s
Unit
Remark
Min
399.88
199.94
UI
Unit Interval
Max
400.12
200.06
ps
300 ppm witout SSC
Min
0.175
0.120
VRX-DI FF-PP-CC
Differential p-p Rx voltage for
common Refclk Rx architecture
Max
1.2
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com