Electronic Components Datasheet Search
  English  ▼

X  

ASM1064 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ASM1064
Description  SATA 6Gbps Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASM1064 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ASM1064 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASM1064 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ASM1061 Data Sheet
vii
1. General Description
Engaged in High Speed I/O solution development, Asmedia Technology is committed to enlarging product portfolio
with introducing PCI Express Products. The ASM1061, X1 PCI Express Gen2 to two-ports Serial ATA Controller,
enables Serial ATA PHY up to 6Gbps high speed interface, following Serial ATA Revision 3.0 Specification.
2. Features
General
 Features 
- Option Rom support through 64K Byte SPI flash
- 20MHz external crystal
- Integrated 3.3V to 1.25V switch regulator
- 3.3V and 1.25V Power Supply
- Industry Specifications Compliance:
PCI Express Base Specification Rev. 2.0
PCI Express Card Electromechanical Rev. 2.0
Serial ATA AHCI Spec. Rev.1.3
Serial ATA Revision 3.0
- 7mmx7mm 48-pin QFN package
- Green Package with RoHs Compliance
PCI
 Express Features 
- One lane PCI Express for 2.5 and 5GHz signaling
- Single virtual channel
- SSC support
- ECRC and Advanced Error Reporting capability
- 100MHz differential PCI Express reference clock in
- Maximum Payload up to 128 bytes
Serial
 ATA Features 
- 2 ports Serial ATA PHY for 1.5, 3.0 and 6.0GHz signaling
- Support IDE/AHCI mode
- Support Native Command Queue (NCQ)
- Support Gen1m and Gen2m SATA PHY
- Support Port Multiplier
Package Type
QFN 48L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com