Electronic Components Datasheet Search
  English  ▼

X  

AC102 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AC102
Description  High Performance and Low Power Mono Audio CODEC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AC102 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AC102 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AC102 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC102
www.x-powers.com
Revision 1.0
Copyright © 2018 X-Powers Limited. All Rights Reserved.
1
AC102 High Performance and Low Power Mono Audio CODEC
ADC
Mono ADC with 101dB SNR typically(A-weight);
–82 dB THD+N @ 0 dB gain and 1.0Vpp input;
Mono Fully-differential analog microphone input
with 0dB~31dB boost amplifier gain;
ADC sample rates supported: 8k,11.025k,12kHz,
16kHz,22.05kHz,24kHz,32kHz,44.1kHz,48kHz;
Programmable Microphone Bias 1.81V~2.39V;
Support Automatic Gain Control (AGC) adjusting
the ADC recording output;
DAC
Mono DAC with auto attenuate:112dB SNR(A-weight)
DAC without auto attenuate:104dB SNR(A-weight);
–87 dB THD+N @ 0dB line-out gain;
Mono Fully-differential Line Output with 1.0Vrms
maximum output voltage;
DAC sample rates supported: 8k,11.025k,12kHz,
16kHz,22.05kHz,24kHz,32kHz,44.1kHz,48kHz;
3 bands parametric Biquad filter for EQ in DAC
path;
System
One TWI control interface up to 400 kHz;
One 8KHz ~ 48KHz I2S/PCM interface;
Adjustable 44.1K/48K sample rate without software
driver;
2 Integrated LDOs,analog LDO output is 1.8V,
digital LDO output is 1.2V;
3 mm x 3 mm 20-pin QFN Package,pitch 0.4mm;
Low Power
Support single 1.8V or 3.3V power supply;
< 3mA Mono 48ksps ADC Record with
fully-differential analog microphone input;
< 3mA Mono 48ksps DAC Playback with line-out
driver output;
Description
The AC102 is a high-performance, low-power, mono
audio CODEC optimized for use in portable
applications. The device integrates support one
fully-differential analog microphone input and mono
line output driver.
The mono 24-bit multi-bit sigma delta ADC with digital
decimation filters has programmable gain with
automatic gain control (AGC). Digital audio output
word length from 8-24 bits and sampling rates from
8kHz to 48kHz are supported.
A multi-bit sigma delta DAC is used with digital audio
input word length from 8-24 bits and sampling rates
from 8 to 48kHz. The parametric Equalizer consists of
3-band EQ for playback path. Gain, center frequency,
and bandwidth of each band EQ can be programmed
independently to compensate frequency response of
speakers, and to meet various user preferences.
The AC102 provides many formats of serial audio
data interface to the input of the DAC or output from
the ADC through LRCK, BCLK and SDIN/SDOUT pins.
These formats are I2S, left justified, right justified,
PCM mode.
The AC102 is controlled through TWI (2-wire serial
interface). The clock supports up to 400 KHz rate. It
works only in the slave mode.
Applications
• Portable audio applications
• Digital Cameras and video cameras
• Wireless headset
• Tablets and e-Books


Similar Part No. - AC102

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1020 TALEMA-AC1020 Datasheet
60Kb / 1P
20 Amp Current Transformer
logo
Microchip Technology
AC102015 MICROCHIP-AC102015 Datasheet
233Kb / 2P
ICD4 RJ45 Universal Adapter Board
logo
YAGEO Corporation
AC1020DK-07100R YAGEO-AC1020DK-07100R Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
AC1020DK-0710M YAGEO-AC1020DK-0710M Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
AC1020DK-0710R YAGEO-AC1020DK-0710R Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
344Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV.0
logo
Texas Instruments
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
logo
Analog Devices
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_15 Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
Low Cost, Low Power Mono Audio Codec
Rev. 0
logo
Suzhou Everest Semicond...
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
Low Power Mono Audio CODEC
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
Low Power Mono Audio CODEC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com