Electronic Components Datasheet Search
  English  ▼

X  

AC102 Datasheet(PDF) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AC102
Description  High Performance and Low Power Mono Audio CODEC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AC102 Datasheet(HTML) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

  AC102 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AC102 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC102
www.x-powers.com
Revision 1.0
Copyright © 2018 X-Powers Limited. All Rights Reserved.
2
Typical Application Diagram
Figure 1 Single 3.3V Supply Typical Application Diagram
Figure 2 Single 1.8V Supply Typical Application Diagram
DECLARATION
X-POWERS CANNOT ASSUME RESPONSIBILITY FOR USE OF ANY CIRCUITRY OTHER THAN CIRCUITRY
ENTIRELY EMBODIED IN AN X-POWERS PRODUCT. NO CIRCUIT PATENT LICENSES, COPYRIGHTS, OR
OTHER INTELLECTUAL PROPERTY RIGHTS ARE IMPLIED. X-POWERS RESERVES THE RIGHT TO MAKE
CHANGES TO THE SPECIFICATIONS AND PRODUCTS AT ANY TIME WITHOUT NOTICE.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com