Electronic Components Datasheet Search
  English  ▼

X  

FS8844 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS8844
Description  250 mA Low Quiescent Current LDO Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8844 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS8844 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 10Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FS8844
Rev. 1.8
6/10
10. Absolute Maximum Ratings
Input voltage VIN to GND ------------------------------------------------------------------------------------------------------- 7V
EN to GND Voltage
------------------------------------------------------------------------------------------------------- 7V
EN to Input Voltage ---------------------------------------------------------------------------------------------------------- +0.3V
Output current --------------------------------------------------------------------------------------------------------------- 350mA
Continuous power dissipation, PD
SOT-23 --------------------------------------------------------------------------------------------------------------------------------------
300mW
Junction Temperature, TJ ------------------------------------------------------------------------------------------------- +155°C
Storage temperature range, TSTG -------------------------------------------------------------------------- -55°C to +150°C
Operating junction temperature range -------------------------------------------------------------------- -40°C to +125°C
Lead temperature (soldering, 10sec) ------------------------------------------------------------------------------------ 260°C
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and function operation of the device at these or any other conditions beyond
those
indicated
under
“recommended
operating
conditions”
is
not
implied.
Exposure
to
absolute-maximum-rated conditions for extended periods may affect device reliability.
11. Electrical Characteristics
(TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
1.8
6.0
V
∆VOUT
Output Voltage Accuracy
VIN>VOUT+1.0V, VOUT≦2.0V
-2.4
+2.4
%
VIN>VOUT+1.0V, VOUT≧2.1V
-2.0
+2.0
%
IMAX
Output Current
VIN>VOUT+1.0V
250
300
mA
ISC
Short-Circuit Current
VOUT=0V, VIN>VOUT+0.48V
200
300
mA
IQ
Quiescent Current
ILOAD=0mA, VIN=VOUT+1.0V
2.0
4.5
µA
VDROP
Dropout Voltage
VIN=VOUT=3.3V, IOUT=100mA
280
350
mV
VIN=VOUT=3.3V, IOUT=250mA
700
850
mV
∆VLINE
Line Regulation
VIN = 4.0 ~ 5.5 V, ILOAD=1mA
0.10
%/V
∆VLOAD
Load Regulation
IOUT=1mA to 100mA
0.01
%/mA
VIH
EN Pin Input Voltage “H”
VIH ≦ VIN
0.9
1.0
1.5
V
VIL
EN Pin Input Voltage “L”
0.8
V
IEN
EN Pin Leakage Current
0.01
0.1
µA
eN
Output Noise
F=1Hz to 10KHz, COUT=1µF
150
µVRMS
PSRR
Ripple Rejection
F=100Hz, COUT=1µF
50
dB
TSD
Thermal Shutdown Temperature
155
°C
THYS
Thermal Shutdown Hysteresis
10
°C
TC
Output Voltage
Temperature Coefficent
IOUT=1mA, -40°C ≤ TA ≤ 80°C
100
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com