Electronic Components Datasheet Search
  English  ▼

X  

FS8844 Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS8844
Description  250 mA Low Quiescent Current LDO Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8844 Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS8844 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 10Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FS8844
Rev. 1.8
9/10
13. Detail Description
The FS8844 is a low quiescent current LDO linear
regulator. The device provides preset 1.8V, 2.8V and
3.3V output voltages for output current up to 150mA.
Other mask options for special output voltages from
1.2V to 5.0V with 100mV increment are also
available. As illustrated in function block diagram, it
consists of a 1.23V reference, error amplifier, a
P-channel pass transistor, an ON/OFF control logic,
and an internal feedback voltage divider.
The 1.23V bandgap reference is connected to the
error amplifier, which compares this reference with
the feedback voltage and amplifies the voltage
difference. If the feedback voltage is lower than the
reference voltage, the pass-transistor gate is pulled
lower, which allows more current to pass to the
output pin and increases the output voltage. If the
feedback voltage is too high, the pass-transistor gate
is pulled up to decrease the output voltage.
The output voltage is feed back through an internal
resistive divider connected to OUT pin. Additional
blocks include an output current limiter and
shutdown logic.
Internal P-channel Pass Transistor
The FS8844 features a P-channel MOSFET pass
transistor. Unlike similar designs using PNP pass
transistors, P-channel MOSFETs require no base
drive, which reduces quiescent current. PNP-based
regulators also waste considerable current in
dropout conditions when the pass transistor
saturates, and use high base-drive currents under
large loads. The FS8844 does not suffer from these
problems and consumes only 2.0μA (Typ.) of current
consumption under light loads.
Output Voltage Selection
The FS8844 output voltage is preset at an
internally trimmed voltage 1.8V, 2.8V or 3.3V.
The
output
voltage
also
can
be
mask-optioned from 1.2V to 5.0V with
100mV increment by special order. The first
two digits of part number suffix identify the
output voltage (see Ordering Information).
For example, the FS8844-33GC has a
preset 3.3V output voltage.
Current Limit
The FS8844 also includes a fold back
current limiter. It monitors and controls the
pass transistor’s gate voltage, estimates the
output current, and limits the output current
within 350mA.
Thermal Overload Protection
Thermal overload protection limits total
power dissipation in the FS8844. When the
junction temperature exceeds TJ = +155°C,
a thermal sensor turns off the pass transistor,
allowing the IC to cool down. The thermal
sensor turns the pass transistor on again
after the junction temperature cools down by
10°C, resulting in a pulsed output during
continuous thermal overload conditions.
Thermal overload protection is designed to
protect the FS8844 in the event of fault
conditions. For continuous operation, the
maximum operating junction temperature
rating of TJ = +125°C should not be
exceeded.
Input-Output Voltage
A regulator’s minimum input-output voltage
differential, or dropout voltage, determines
the lowest usable supply voltage. In
battery-powered systems, this will determine
the useful end-of-life battery voltage. The
FS8844 uses a P-channel MOSFET pass
transistor, its dropout voltage is a function of
drain-to-source
on-resistance
(RDS(ON))
multiplied by the load current.
VDROPOUT = VIN-VOUT = RDS(ON) x IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com