Electronic Components Datasheet Search
  English  ▼

X  

FS8853 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS8853
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS8853 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FS8853
Rev. 2.7
5/15
7. Pin Description
Part NO.
Symbol
Description
FS8853-xxGC
FS8853-xxGL
FS8853-xxGI
GND
Ground pin that provides the reference for all voltages.
IN
Regulator input pin. Supply voltage can range from 2.5V to
9.0V. Bypass with a 1µF capacitor to GND.
OUT
Regulator output pin. Sources up to 300mA. Bypass with a
3.3µF capacitor to GND.
8. Functional Block Diagram
1.25V
Bandgap
Reference
Thermal
Protection
Current Limit
R2
R1
Shutdown
Logic
9. Typical Application Circuit
IN
GND
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com