Electronic Components Datasheet Search
  English  ▼

X  

FS8853 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS8853
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS8853 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FS8853
Rev. 2.7
6/15
10. Absolute Maximum Ratings
Input voltage VIN to GND ----------------------------------------------------------------------------------------------------9V
Output current limit, I(LIMIT) ------------------------------------------------------------------------------------------------ 0.6A
Continuous power dissipation, PD (ΔT= TJ -TA = 100°C)
SOT-23
---------------------------------------------------------------------------------------------------------------------------------------- 0.30W
SOT-89
---------------------------------------------------------------------------------------------------------------------------------------- 0.55W
* The power dissipation values are based on the condition that junction temperature TJ and ambient
temperature TA difference is 100°C.
Junction Temperature, TJ ------------------------------------------------------------------------------------------------ +155°C
Storage temperature range, TSTG ---------------------------------------------------------------------- -55°C to +150°C
Operating junction temperature range ----------------------------------------------------------------- -40°C to +125°C
Lead temperature (soldering, 10sec) -------------------------------------------------------------------------------- 260°C
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and function operation of the device at these or any other conditions beyond
those
indicated
under
“recommended
operating
conditions”
is
not
implied.
Exposure
to
absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com