Electronic Components Datasheet Search
  English  ▼

X  

FS9912 Datasheet(PDF) 34 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 34 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 34Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
FS9912
Rev. 3.6
34/34
15. Revision History
Ver.
Date
Page
Description
2.9
2003/04/16
27
MOVLW
00100000B
MOVWF NETA
3.0
2003/08/29
2
Operation current is less than 2mA, sleep mode current is about 1uA (LVR
disable)
2
Low voltage reset (LVR) function mask option. FS9912R-nnnV LVR
enable, FS9912-nnnV LVR disable.
8
IPO1: Sleep current of FS9912-nnnV
IPO2: Sleep current of FS9912R-nnnV
12
Change circuit drawing from draft to Visio format
3.1
2004/04/05
All
Reformat and correct the contents
3.2
2004/06/23
4
2. Features
Correct “Low noise (1mV peak-to-peak without chopper, 0.5mV
peak-to-peak with chopper, 0.1Hz~1Hz) OPAMP with chopper controller.”
To “Low noise (1μV peak-to-peak without chopper, 0.5μV peak-to-peak
with chopper, 0.1Hz~1Hz) OPAMP with chopper controller.”.
3.3
2004/07/26
4
2. Features
Correct “Operation current is less than 2mA, sleep mode current is about
1mA (LVR disable).” to “Operation current is less than 2mA, sleep mode
current is about 1μA (LVR disable).”.
3.4
2004/10/18
-
1.
FSC will switch FS9912R version A to version B from 2004/10/18.
The reason is that FSC did some improvement about the ESD
immunity and LVR circuit of the FS9912. The FSC’s FS9912R
version B test review meeting minutes was accepted by DCC on
2004/9/3.
2.
Change the right-top title word of each page: “-Bit” to “–bit”.
3.
Change the left-bottom word of each page: “Co” to “Corp”.
3.5
2005/12/02
12
1.
Add “Typical Performance Characteristics”.
35
1.
Add “Revision History”.
3.6
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com