Electronic Components Datasheet Search
  English  ▼

X  

SP6214 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6214
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6214 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6214 Datasheet HTML 2Page - Sipex Corporation SP6214 Datasheet HTML 3Page - Sipex Corporation SP6214 Datasheet HTML 4Page - Sipex Corporation SP6214 Datasheet HTML 5Page - Sipex Corporation SP6214 Datasheet HTML 6Page - Sipex Corporation SP6214 Datasheet HTML 7Page - Sipex Corporation SP6214 Datasheet HTML 8Page - Sipex Corporation SP6214 Datasheet HTML 9Page - Sipex Corporation SP6214 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Date: 08/10/05
SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2005 Sipex Corporation
-100
-80
-60
-40
-20
0
Frequency (Hz)
10mA
50mA
10
100
1000
10000
100000
1000000
Power Supply Rejection Ratio, V
O=3V
SP6213-3.0VOUT fixed
VIN=7VCTE
CIN=COUT=1uF Cer. Cap
TR=TF=100ns
IOUT
100uA
VOUT
20mV
10mV
0mV
-10mV
100mA
0mA
Load Transient Response (VIN = 7V)
SP6213-3.0VOUT fixed
VIN=7VCTE
CIN=COUT=1uF Cer. Cap
TR=TF=100ns
IOUT
100uA
VOUT
20mV
10mV
0mV
-10mV
100mA
0mA
Load Transient Response (VIN = 7V)
SP6213-3.0VOUT fixed
IOUT=100uA
COUT=1uF Cer. Cap
VIN
VOUT
5V
4V
5mV
0mV
-5mV
-10mV
Line Transient Response (VIN=4V, IOUT=100
µA)
Line Transient Response
SP6213-3.0VOUT fixed
IOUT=10mA
COUT=1uF Cer. Cap
VIN
VOUT
5V
4V
5mV
0mV
-5mV
-10mV
Line Transient Response (VIN=4V, IOUT=10mA)
Line Transient Response (VIN=7V, IOUT=100
µA)
Line Transient Response (V
IN=7V, IOUT=10µA)
27°C, VIN=4V, IL = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com