Electronic Components Datasheet Search
  English  ▼

X  

SP6214 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6214
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6214 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6214 Datasheet HTML 2Page - Sipex Corporation SP6214 Datasheet HTML 3Page - Sipex Corporation SP6214 Datasheet HTML 4Page - Sipex Corporation SP6214 Datasheet HTML 5Page - Sipex Corporation SP6214 Datasheet HTML 6Page - Sipex Corporation SP6214 Datasheet HTML 7Page - Sipex Corporation SP6214 Datasheet HTML 8Page - Sipex Corporation SP6214 Datasheet HTML 9Page - Sipex Corporation SP6214 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: 08/10/05
SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2005 Sipex Corporation
27°C, VIN=4V, IL = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
0
50
100
150
200
250
025
50
75
100
Io (mA)
0
20
40
60
80
100
01
2
345
67
VIN (V)
0
1
2
3
4
5
6
EN = Vin
EN = 0V
0
50
100
150
200
025
50
75
100
Io (mA)
VIN = 4V
VIN = 5.5V
VIN = 7V
0
25
50
75
100
125
150
175
34
56
7
VIN (V)
Io=0.1mA
Io=10mA
Io=50mA
Io=100mA
Quiescent Current vs. Input Voltage
Ground Current vs. Output Current
Ground Current vs. Input Voltage
Dropout Voltage vs. Output Current
SP6213-3.0VOUT fixed
VEN is toggled, VIN=4VCTE
IOUT=100uA
CIN=COUT=1uF Cer. Cap
VOUT
VEN
3V
2V
1V
0V
4V
2V
0V
Turn-on Characteristic (V
IN = 4V, IOUT = 100µA)
Turn-on Characteristic (VIN = 4V, IOUT=100mA)
SP6213-3.0VOUT fixed
VEN is toggled, VIN=7VCTE
IOUT=100uA
CIN=COUT=1uF Cer. Cap
VOUT
VEN
3V
2V
1V
0V
4V
2V
0V
Turn-on Characteristic (VIN = 7V, IOUT = 100
µA)
SP6213-3.0VOUT fixed
VEN is toggled, VIN=7VCTE
IOUT=100mA
CIN=COUT=1uF Cer. Cap
VOUT
VEN
3V
2V
1V
0V
4V
2V
0V
Turn on Time (VIN = 7V, IOUT = 100mA)
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com