Electronic Components Datasheet Search
  English  ▼

X  

MSM6895 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM6895
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6895 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM6895 Datasheet HTML 2Page - OKI electronic componets MSM6895 Datasheet HTML 3Page - OKI electronic componets MSM6895 Datasheet HTML 4Page - OKI electronic componets MSM6895 Datasheet HTML 5Page - OKI electronic componets MSM6895 Datasheet HTML 6Page - OKI electronic componets MSM6895 Datasheet HTML 7Page - OKI electronic componets MSM6895 Datasheet HTML 8Page - OKI electronic componets MSM6895 Datasheet HTML 9Page - OKI electronic componets MSM6895 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
¡ Semiconductor
MSM6895/6896
6/43
SW0
0
0
1
1
SW1
0
1
0
1
Tone combination 1
Tone combination 2
Tone combination 3
Tone combination 1
f1
1000 Hz
800 Hz
800 Hz
1000 Hz
f2
1333 Hz
1000 Hz
1000 Hz
1333 Hz
Wambling Cycle
16 Hz
16 Hz
8 Hz
16 Hz
1 / f1
Wambling Cycle Time
1 / f2
PIN AND FUNCTIONAL DESCRIPTIONS
LA, LB, LC, LD
General latch outputs for external control.
Statuses of these outputs are controlled via the processor interface. Refer to the description of the
control data for details.
SW0, SW1
External control signal inputs for setting the tone combination of the ringing tone.
When the external control for setting the tone combination is selected, the tone combination is
set by these pins.
VDG
Digital Ground.
VAG
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com