Electronic Components Datasheet Search
  English  ▼

X  

MSM6895 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6895
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6895 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6895 Datasheet HTML 1Page - OKI electronic componets MSM6895 Datasheet HTML 2Page - OKI electronic componets MSM6895 Datasheet HTML 3Page - OKI electronic componets MSM6895 Datasheet HTML 4Page - OKI electronic componets MSM6895 Datasheet HTML 5Page - OKI electronic componets MSM6895 Datasheet HTML 6Page - OKI electronic componets MSM6895 Datasheet HTML 7Page - OKI electronic componets MSM6895 Datasheet HTML 8Page - OKI electronic componets MSM6895 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
¡ Semiconductor
MSM6895/6896
1/43
¡ Semiconductor
MSM6895/6896
Multi-Function PCM CODEC
GENERAL DESCRIPTION
The MSM6895/MSM6896, developed especially for low-power and multi-function applications
in ISDN telephone terminals, are single +5 V power supply CODEC LSI devices. The devices
consist of the analog speech paths directly connectable to a handset, the calling circuit directly
connectable to a piezosounder, the push-button key scanning interface between push buttons
and control processors, the dial tone generator, the B-channel interface, the CODEC, and the
processor interface. The functions can be controlled via the 8-bit data bus.
FEATURES
• Single +5 V Power Supply
• Low Power Dissipation
Power ON Mode
: 20 mW Typ. 53 mW Max.
CODEC Power Down Mode
: 10 mW Typ. 21 mW Max.
• In compliance with ITU-T’s companding law
m-law
: MSM6895
A-law
: MSM6896
• Transmission clocks
Continuous CLK
: 64, 128, 256 kHz
Burst CLK
: 192, 384, 768, 1536, 2048 kHz
• Built-in PLL
• Built-in Reference Voltage Supply
• Ringing Tone
: Controlled by processor, 9 modes
• Ringing Tone Combination
: Controlled by processor, 6 modes
• Information Tone
: Controlled by processor, 9 modes
• Built-in PB Tone Generator
• B-Channel Selectable
• General Latch Output for Speech path Control
: 4 bits
• Watchdog Timer
: 500 ms
• Key Scanning I/O
Output
: 5 bits
Input
: 8 bits
• Direct Connection to Handset
• Built-in Preamplifier for Loudspeaker
• Handfree Interface
• Digital and Analog Interface for the phone-conference speech paths
• Package:
80-pin plastic QFP (QFP80-P-1420-0.80-BK)
(Product name : MSM6895GS-BK)
(Product name : MSM6896GS-BK)
E2U0022-28-81
This version: Aug. 1998
Previous version: Nov. 1996


Similar Part No. - MSM6895

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6807 OKI-MSM6807 Datasheet
547Kb / 17P
BASEBAND FILTER LSI FOR SELLULAR MOBILE TELEPHONE
MSM6808 OKI-MSM6808 Datasheet
679Kb / 18P
SPLIT FILTER LSI FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
MSM6818 OKI-MSM6818 Datasheet
679Kb / 18P
SPLIT FILTER LSI FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6882-5 OKI-MSM6882-5 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
More results

Similar Description - MSM6895

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
Multi-Function PCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7575 OKI-MSM7575 Datasheet
261Kb / 26P
Multi-Function PCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
logo
OKI electronic componet...
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com