Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 3 Page - Texas Instruments

  INA191 Datasheet HTML 1Page - Texas Instruments INA191 Datasheet HTML 2Page - Texas Instruments INA191 Datasheet HTML 3Page - Texas Instruments INA191 Datasheet HTML 4Page - Texas Instruments INA191 Datasheet HTML 5Page - Texas Instruments INA191 Datasheet HTML 6Page - Texas Instruments INA191 Datasheet HTML 7Page - Texas Instruments INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
A
B
Not to scale
IN+
VS
OUT
IN±
GND
ENABLE
3
INA191
www.ti.com
SLYS020A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: INA191
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFD Package
6-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
ENABLE
B3
Digital input
Enable pin. When this pin is driven to VS, the device is on and functions as a current sense
amplifier. When this pin is driven to GND, the device is off, the supply current is reduced,
and the output is placed in a high-impedance state. This pin must be driven externally, or
connected to VS if not used.
GND
B2
Analog
Ground
IN+
A1
Analog input
Current-shunt monitor positive input. For high-side applications, connect this pin to the bus
voltage side of the sense resistor. For low-side applications, connect this pin to the load
side of the sense resistor.
IN–
B1
Analog input
Current-shunt monitor negative input. For high-side applications, connect this pin to the load
side of the sense resistor. For low-side applications, connect this pin to the ground side of
the sense resistor.
OUT
A3
Analog output
This pin provides an analog voltage output that is the amplified voltage difference from the
IN+ to the IN– pins.
VS
A2
Analog
Power supply, 1.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com