Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA191 Datasheet HTML 6Page - Texas Instruments INA191 Datasheet HTML 7Page - Texas Instruments INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments INA191 Datasheet HTML 10Page - Texas Instruments INA191 Datasheet HTML 11Page - Texas Instruments INA191 Datasheet HTML 12Page - Texas Instruments INA191 Datasheet HTML 13Page - Texas Instruments INA191 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
D105
-40qC
25qC
125qC
Differential Input Voltage (mV)
0
5
10
15
20
25
30
35
40
45
50
55
-30
-20
-10
0
10
20
30
D007
IBP
IBN
Differential Input Voltage (mV)
0
20
40
60
80
100
120
140
160
180
200
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
D120
IBN
IBP
Time (250 Ps/div)
0 V
D021
Enable
Output
Time (10Ps/div)
0 V
D108
Supply Voltage
Output Voltage
Time (100Ps/div)
0 V
D110
Supply Voltage
Output Voltage
10
INA191
SLYS020A – FEBRUARY 2019 – REVISED APRIL 2019
www.ti.com
Product Folder Links: INA191
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 1.8 V, VIN+ = 12 V, VENABLE = VS, and all gain options (unless otherwise noted)
VS = 5.0 V, A2 device
Figure 25. Start-Up Response
VS = 5.0 V, A3 device
Figure 26. Brownout Recovery
VS = 5.0 V, A3 device
Figure 27. Enable and Disable Response
VS = 5.0 V, A1 device
Figure 28. IB+ and IB– vs Differential Input Voltage
VS = 5.0 V, A2, A3, A4, A5 devices
Figure 29. IB+ and IB– vs Differential Input Voltage
VS = 5.0 V, VENABLE = 0 V, A1, A2, A3 devices
Figure 30. Output Leakage vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com