Electronic Components Datasheet Search
  English  ▼

X  

TP1561 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TP1561
Description  Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP1561 Datasheet(HTML) 3 Page - 3PEAK INC.

  TP1561 Datasheet HTML 1Page - 3PEAK INC. TP1561 Datasheet HTML 2Page - 3PEAK INC. TP1561 Datasheet HTML 3Page - 3PEAK INC. TP1561 Datasheet HTML 4Page - 3PEAK INC. TP1561 Datasheet HTML 5Page - 3PEAK INC. TP1561 Datasheet HTML 6Page - 3PEAK INC. TP1561 Datasheet HTML 7Page - 3PEAK INC. TP1561 Datasheet HTML 8Page - 3PEAK INC. TP1561 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
          
3 
TP1561/TP1561N/TP1562/TP1564
Stable 3.8MHz, 130μA, RRIO, EveryCapTM Op Amps
www.3peakic.com
REV1.2
5V Electrical Characteristics
The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 27°C.
VSUPPLY = 5V, VCM = VOUT = VSUPPLY/2, RL = 100KΩ, CL =100pF, VSHDN is unconnected.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = VDD/2
●
-3.0
±0.1
+3.0
mV
VOS TC
Input Offset Voltage Drift
0.6
μV/°C
IB
Input Bias Current
1.0
pA
IOS
Input Offset Current
1.0
pA
Vn
Input Voltage Noise
f = 0.1Hz to 10Hz
2.4
μVP-P
en
Input Voltage Noise Density
f = 1kHz
f = 10kHz
27
14
nV/√Hz
RIN
Input Resistance
> 100
GΩ
CIN
Input Capacitance
Differential
Common Mode
2.0
3.5
pF
CMRR
Common Mode Rejection Ratio
VCM = 0.1V to 4.9V
●
80
120
dB
VCM
Common-mode Input Voltage
Range
●
V––0.3
V++0.3
V
PSRR
Power Supply Rejection Ratio
●
80
120
dB
AVOL
Open-Loop Large Signal Gain
VOUT = 2.5V, RLOAD = 100kΩ
●
80
110
dB
VOUT = 0.1V to 4.9V, RLOAD = 100kΩ
●
72
102
dB
VOL, VOH
Output Swing from Supply Rail
RLOAD = 100kΩ
5
mV
ROUT
Closed-Loop Output Impedance
G = 1, f = 1kHz, IOUT = 0
0.4
Ω
RO
Open-Loop Output Impedance
f = 100kHz, IOUT = 0
2.6
Ω
ISC
Output Short-Circuit Current
Sink or source current
45
mA
VDD
Supply Voltage
2.1
6.0
V
IQ
Quiescent Current per Amplifier
●
130
190
μA
IQ(off)
Supply Current in Shutdown Note 1
0.2
μA
ISHDN
Shutdown Pin Current Note 1
VSHDN = 0.5V
VSHDN = 1.5V
-0.15
-0.15
μA
ILEAK
Output Leakage Current in
Shutdown Note 1
VSHDN = 0V, VOUT = 0V
VSHDN = 0V, VOUT = 5V
-20
20
pA
VIL
SHDN Input Low Voltage Note 1
Disable
●
0.5
V
VIH
SHDN Input High Voltage Note 1
Enable
●
1.0
V
tON
Turn-On Time Note 1
SHDN Toggle from 0V to 5V
20
μs
tOFF
Turn-Off Time Note 1
SHDN Toggle from 5V to 0V
20
μs
PM
Phase Margin
RLOAD = 100kΩ, CLOAD = 100pF
66
°
GM
Gain Margin
RLOAD = 100kΩ, CLOAD = 100pF
-15
dB
GBWP
Gain-Bandwidth Product
f = 1kHz
3.8
MHz
tS
Settling Time, 1.5V to 3.5V, Unity
Gain
Settling Time, 2.45V to 2.55V,
Unity Gain
0.1%
0.01%
0.1%
0.01%
0.7
0.8
0.1
0.2
μs
SR
Slew Rate
AV = 1, VOUT = 1.5V to 3.5V, CLOAD =
100pF, RLOAD = 100kΩ
3.6
V/μs
FPBW
Full Power Bandwidth Note 2
2VP-P
500
kHz
THD+N
Total Harmonic Distortion and
Noise
f=1kHz, AV=1, RL=100kΩ, VOUT = 2VPP
f=10kHz, AV=1, RL=100kΩ, VOUT = 2VPP
-115
-99
dB
Note 1: Specifications apply to the TP1561N with shutdown.
Note 2: Full power bandwidth is calculated from the slew rate FPBW = SR/π • VP-P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com