Electronic Components Datasheet Search
  English  ▼

X  

TP2012 Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TP2012
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2012 Datasheet(HTML) 1 Page - 3PEAK INC.

  TP2012 Datasheet HTML 1Page - 3PEAK INC. TP2012 Datasheet HTML 2Page - 3PEAK INC. TP2012 Datasheet HTML 3Page - 3PEAK INC. TP2012 Datasheet HTML 4Page - 3PEAK INC. TP2012 Datasheet HTML 5Page - 3PEAK INC. TP2012 Datasheet HTML 6Page - 3PEAK INC. TP2012 Datasheet HTML 7Page - 3PEAK INC. TP2012 Datasheet HTML 8Page - 3PEAK INC. TP2012 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
TP2011/TP2012/TP2014
www.3peakic.com.cn
REV1.2
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Features
Ultra-Low Supply Current: 200 nA per channel
Fast Response Time: 13 μs Propagation Delay,
with 100 mV Overdrive
Internal Hysteresis for Clean Switching
Offset Voltage: ± 2.0 mV Maximum
Offset Voltage Temperature Drift: 0.3 μV/°C
Input Bias Current: 6 pA Typical
Input Common-Mode Range Extends 200 mV
Push-Pull Output with ±25 mA Drive Capability
Output Latch (TP2011N Only)
No Phase Reversal for Overdriven Inputs
Low Supply Voltage: 1.6V to 5.5V
Applications
Battery Monitoring / Management
Alarm and Monitoring Circuits
Peak and Zero-crossing Detectors
Threshold Detectors/Discriminators
Sensing at Ground or Supply Line
Logic Level Shifting or Translation
Window Comparators
Oscillators and RC Timers
Mobile Communications and Notebooks
Ultra-Low-Power Systems
Descriptions
The TP201x family of push-pull output comparators
features the world-class lowest nano-power (250nA
maximum) and fast 13μs response time capability,
allowing
operation
from
1.6V
to
5.5V.
Input
common-mode range beyond supply rails makes the
TP201x
an
ideal
choice
for
power-sensitive,
low-voltage (2-cell) applications.
The TP201x push-pull output supports rail-to-rail output
swing and interfaces with TTL /CMOS logic, and are
capable of driving heavy DC or capacitive loads. The
internal input hysteresis eliminates output switching
due to internal input noise voltage, reducing current
draw. The output limits supply current surges and
dynamic power consumption while switching. Beyond
the rails input and rail-to-rail output characteristics allow
the full power-supply voltage to be used for signal
range.
Micro-sized packages provide options for portable and
space-restricted applications. The single (TP2011) is
available in SC70-5, and the dual (TP2012) is available
in SOT23-8.
The related TP2015/6/8 family of comparators from
3PEAK has an open-drain output. Used with a pull-up
resistor, these devices can be used as level-shifters for
any desired voltage up to 10V and in wired-OR logic.
3PEAK and the 3PEAK logo are registered trademarks of
3PEAK Incorporated. All other trademarks are the property of their
respective owners.
Typical Application of TP201x Comparators
Related Products
Fast 68ns, Low Power, Internal Hysteresis,
±3mV Maximum VOS, – 0.2V to VDD + 0.2V RRI,
Push-Pull (CMOS/TTL) Output Comparators
TP1941/TP1941N
/TP1942/TP1944
Fast 68ns, Low Power, Internal Hysteresis,
±3mV Maximum VOS, – 0.2V to VDD + 0.2V RRI,
Open-Drain Output Comparators
TP1945/TP1945N
/TP1946/TP1948
950ns, 3µA, 1.8V, ±2.5mV VOS-MAX, Internal
Hysteresis, RRI, Push-Pull Output Comparators
TP1931
/TP1932/TP1934
950ns, 3µA, 1.8V, ±2.5mV VOS-MAX, Internal
Hysteresis, RRI, Open-Drain Comparators
TP1935
/TP1936/TP1938
Ultra-low 200nA, 13µs, 1.6V, ±2mV VOS-MAX,
Internal Hysteresis, RRI, Open-Drain Output
Comparators
TP2015
/TP2016/TP2018
DEVICE
DESCRIPTION


Similar Part No. - TP2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP201 ETC1-TP201 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
logo
Lumins Inc.
TP201 LUMINIS-TP201 Datasheet
23Kb / 1P
Wall mount
logo
GREATECS
TP2010D GREATECS-TP2010D Datasheet
219Kb / 1P
4x4 mm Low Profile Tactile Switches
TP2010DJ16TR03 GREATECS-TP2010DJ16TR03 Datasheet
219Kb / 1P
4x4 mm Low Profile Tactile Switches
TP2010DJ20TR03 GREATECS-TP2010DJ20TR03 Datasheet
219Kb / 1P
4x4 mm Low Profile Tactile Switches
More results

Similar Description - TP2012

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
Push-Pull Output Sub-Microamp Comparators
2011
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
08/29/06
logo
Texas Instruments
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
40-ns, microPOWER, Push-Pull Output Comparators
logo
Diodes Incorporated
AZV3001 DIODES-AZV3001 Datasheet
653Kb / 11P
Single/Dual Channel Low Voltage Push-Pull Output Comparators
Rev 3
logo
Texas Instruments
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
3PEAK INC.
TP1941 3PEAK-TP1941 Datasheet
1Mb / 23P
68ns, 1.8V, Ultra-low Power, RRI, Push-Pull Output Comparators
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com