Electronic Components Datasheet Search
  English  ▼

X  

TP2012 Datasheet(PDF) 4 Page - 3PEAK INC.

Part # TP2012
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2012 Datasheet(HTML) 4 Page - 3PEAK INC.

  TP2012 Datasheet HTML 1Page - 3PEAK INC. TP2012 Datasheet HTML 2Page - 3PEAK INC. TP2012 Datasheet HTML 3Page - 3PEAK INC. TP2012 Datasheet HTML 4Page - 3PEAK INC. TP2012 Datasheet HTML 5Page - 3PEAK INC. TP2012 Datasheet HTML 6Page - 3PEAK INC. TP2012 Datasheet HTML 7Page - 3PEAK INC. TP2012 Datasheet HTML 8Page - 3PEAK INC. TP2012 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
REV1.2
www.3peakic.com.cn
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Electrical Characteristics
The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 27°C.
VDD = +1.6V to +5.5V, VIN+ = VDD, VIN- = 1.2V, CL =15pF.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
● 1.6
5.5
V
VOS
Input Offset Voltage Note 1
VCM = 1.2V
-3.0
0.5
+3.0
mV
VOS
Input Offset Voltage Note 1
VCM = 0V
-3.0
0.5
+3.0
mV
VOS
Input Offset Voltage Note 1
VCM = Vdd
-4.0
0.5
+4.0
mV
VOS TC
Input Offset Voltage Drift Note 1
VCM = 1.2V
0.3
μV/°C
VHYST
Input Hysteresis Voltage Note 1
VCM = 1.2V
2
4
7
mV
IB
Input Bias Current
VCM = 1.2V
6
pA
IOS
Input Offset Current
VCM = 1.2V
4
pA
RIN
Input Resistance
> 100
GΩ
CIN
Input Capacitance
Differential
Common Mode
2
4
pF
CMRR
Common Mode Rejection Ratio
VCM = VSS to VDD
50
82
dB
VCM
Common-mode Input Voltage Range
V–
V+
V
PSRR
Power Supply Rejection Ratio
60
90
dB
VOH
High-Level Output Voltage
IOUT=-1mA
●
VDD-0.3
V
VOL
Low-Level Output Voltage
IOUT=1mA
●
VSS+0.3
V
ISC
Output Short-Circuit Current
Sink or source current
25
mA
IQ
Quiescent Current per Comparator
160
200
250
nA
tR
Rising
Time
5
ns
tF
Falling Time
5
ns
tPD+
Propagation Delay (Low-to-High)
Overdrive=100mV, VIN- =1.2V
13
19
μs
tPD-
Propagation Delay (High-to-Low)
Overdrive=100mV, VIN- =1.2V
14
18
μs
tPD-SKEW
Propagation Delay Skew Note 2
Overdrive=100mV, VIN- =1.2V
1
5
μs
Note 1: The input offset voltage is the average of the input-referred trip points. The input hysteresis is the difference between the input-referred
trip points.
Note 2: Propagation Delay Skew is defined as: tPDSKEW = tPD+ - tPD-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com