Electronic Components Datasheet Search
  English  ▼

X  

TP2264 Datasheet(PDF) 11 Page - 3PEAK INC.

Part # TP2264
Description  36V, 3.5MHz, 15V/關s Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2264 Datasheet(HTML) 11 Page - 3PEAK INC.

Back Button TP2264 Datasheet HTML 7Page - 3PEAK INC. TP2264 Datasheet HTML 8Page - 3PEAK INC. TP2264 Datasheet HTML 9Page - 3PEAK INC. TP2264 Datasheet HTML 10Page - 3PEAK INC. TP2264 Datasheet HTML 11Page - 3PEAK INC. TP2264 Datasheet HTML 12Page - 3PEAK INC. TP2264 Datasheet HTML 13Page - 3PEAK INC. TP2264 Datasheet HTML 14Page - 3PEAK INC. TP2264 Datasheet HTML 15Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.3peakic.com.cn
Rev.0.02
11 / 20
TP2261/ TP2262/ TP2264
36V, 3.5MHz, 15V/
μs Op Amps
VS = ±15V, VCM = 0V, RL
= 10kΩ, unless otherwise specified.
Voltage: 20mV/div, Time: 100ns/div
VS =±15V, RL=2K, CL=100pF, G=1
Figure 25. 100mV Signal Step Response
Voltage: 2V/div, Time: 1
μs/div
VS =±15V, RL=2K, CL=100pF, G=1
Figure 26. 10V Signal Step Response
VS =±15V, VCM=0V
Figure 27. Voltage Noise Spectral Density vs. Frequency
VS =±15V, VCM=0V, G=1
Figure 28. THD+N vs. Frequency
0
50
100
150
200
250
10
100
1K
10K
100K
Frequency(Hz)
0.0001
0.001
0.01
0.1
10
100
1K
10K
100K
Frequency(Hz)
RL=10K, Vout = 3.5VRms
RL=10K, Vout = 6VRms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com