Electronic Components Datasheet Search
  English  ▼

X  

TP2264 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TP2264
Description  36V, 3.5MHz, 15V/關s Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2264 Datasheet(HTML) 5 Page - 3PEAK INC.

  TP2264 Datasheet HTML 1Page - 3PEAK INC. TP2264 Datasheet HTML 2Page - 3PEAK INC. TP2264 Datasheet HTML 3Page - 3PEAK INC. TP2264 Datasheet HTML 4Page - 3PEAK INC. TP2264 Datasheet HTML 5Page - 3PEAK INC. TP2264 Datasheet HTML 6Page - 3PEAK INC. TP2264 Datasheet HTML 7Page - 3PEAK INC. TP2264 Datasheet HTML 8Page - 3PEAK INC. TP2264 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.3peakic.com.cn
Rev.0.02
5 / 20
TP2261/ TP2262/ TP2264
36V, 3.5MHz, 15V/
μs Op Amps
Electrical Characteristics
All test condition is VS = 30V, TA = 25°C, RL = 10k
Ω to VS/2, unless otherwise noted.
Symbol
Parameter
Conditions
TA
Min
Typ
Max
Unit
Power Supply
VS
Supply Voltage Range
3
36
V
IQ
Quiescent Current per Amplifier
VS = 30V, TP2261
1000
1500
μA
-40°C to 125°C
1700
μA
VS = 5V, TP2261
850
1300
μA
-40°C to 125°C
1500
μA
VS = 30V, TP2262/TP2264
700
1000
μA
-40°C to 125°C
1200
uA
VS = 5V, TP2262/TP2264
600
850
μA
-40°C to 125°C
1000
μA
PSRR
Power Supply Rejection Ratio
VS = 3V to 36V
95
120
dB
-40°C to 125°C
90
dB
Input Characteristics
VOS
Input Offset Voltage
VS = 30V, VCM = 0V to 28V
-2
0.1
2
mV
-40°C to 85°C
-2.5
2.5
mV
-40°C to 125°C
-3
3
mV
VS = 30V, VCM = 28.5V
-3
3
mV
-40°C to 125°C
-4
4
mV
VS = 5V, VCM = 2.5V
-2
0.1
2
mV
-40°C to 125°C
-3
3
mV
VOS TC
Input Offset Voltage Drift
-40°C to 125°C
2
μV/°C
IB
Input Bias Current
25
pA
-40°C to 85°C
80
pA
-40°C to 125°C
1000
pA
IOS
Input Offset Current
25
pA
IIN
Different Input Current
VS = 36V, VID = 36V
10
nA
-40°C to 125°C
100
nA
CIN
Input Capacitance
Differential Mode
5
pF
Common Mode
2.5
pF
Av
Open-loop Voltage Gain
105
120
dB
-40°C to 125°C
100
dB
VCMR
Common-mode
Input
Voltage
Range
(V-)
(V+)
–
1.5
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 28V
105
130
dB
-40°C to 125°C
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com