Electronic Components Datasheet Search
  English  ▼

X  

TP2012-VR Datasheet(PDF) 8 Page - 3PEAK INC.

Part # TP2012-VR
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2012-VR Datasheet(HTML) 8 Page - 3PEAK INC.

Back Button TP2012-VR Datasheet HTML 4Page - 3PEAK INC. TP2012-VR Datasheet HTML 5Page - 3PEAK INC. TP2012-VR Datasheet HTML 6Page - 3PEAK INC. TP2012-VR Datasheet HTML 7Page - 3PEAK INC. TP2012-VR Datasheet HTML 8Page - 3PEAK INC. TP2012-VR Datasheet HTML 9Page - 3PEAK INC. TP2012-VR Datasheet HTML 10Page - 3PEAK INC. TP2012-VR Datasheet HTML 11Page - 3PEAK INC. TP2012-VR Datasheet HTML 12Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
REV1.2
www.3peakic.com.cn
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Typical Performance Characteristics
Propagation Delay Skew vs. Common Mode Voltage
-5
-2.5
0
2.5
5
0
0.5
1
1.5
2
Common Mode Voltage (V)
VDD=1.8V
Input Offset Voltage Distribution
0%
10%
20%
30%
40%
50%
60%
-6 -5 -4 -3 -2 -1 0 1
2 3
4
5 6
Input Offset Voltage (mV)
1462 Samples
VDD=5V
VCM=1.2V
Input Hysteresis Voltage Distribution
0%
10%
20%
30%
40%
50%
60%
0 1
2 3 4
5
6 7
8 9 10 11 12
Input Hysteresis Voltage (mV)
1462 Samples
VDD=5V
VCM=1.2V
Quiescent Current Distribution
0%
5%
10%
15%
20%
25%
30%
35%
40%
140
160
180
200
220
240
260
Quiscent Current (nA)
1462 Samples
VDD=5V
VCM=1.2V
Low to High Propagation Delay Distribution
0%
10%
20%
30%
40%
50%
60%
70%
12
14
16
18
20
22
24
Propagation Low to High Delay (μs)
1462 Samples
VDD=5V
VCM=1.2V
100mV overdrive
High to Low Propagation Delay Distribution
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
10
12
14
16
18
20
22
Propagation High to Low Delay (μs)
1462 Samples
VDD=5V
VCM=1.2V
100mV overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com