Electronic Components Datasheet Search
  English  ▼

X  

TP2012-VR Datasheet(PDF) 11 Page - 3PEAK INC.

Part # TP2012-VR
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2012-VR Datasheet(HTML) 11 Page - 3PEAK INC.

Back Button TP2012-VR Datasheet HTML 7Page - 3PEAK INC. TP2012-VR Datasheet HTML 8Page - 3PEAK INC. TP2012-VR Datasheet HTML 9Page - 3PEAK INC. TP2012-VR Datasheet HTML 10Page - 3PEAK INC. TP2012-VR Datasheet HTML 11Page - 3PEAK INC. TP2012-VR Datasheet HTML 12Page - 3PEAK INC. TP2012-VR Datasheet HTML 13Page - 3PEAK INC. TP2012-VR Datasheet HTML 14Page - 3PEAK INC. TP2012-VR Datasheet HTML 15Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
www.3peakic.com.cn
REV1.2
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Vin-
Vtr
Vtf
0
VDD
Hysteresis
Band
Vi
Time
Non-Inverting Comparator Output
Vhyst=Vtr-Vtf
Vos=
Vtr+Vtf
2
-Vin-
0
VDD
Inverting Comparator Output
Vin-
Vtr
Vtf
Hysteresis
Band
Vi
Time
Vhyst=Vtr-Vtf
Vos=
Vtr+Vtf
2
-Vin-
Figure 3. Comparator’s hysteresis and offset
External Hysteresis
Greater flexibility in selecting hysteresis is achieved by using external resistors. Hysteresis reduces output chattering
when one input is slowly moving past the other. It also helps in systems where it is best not to cycle between high and
low states too frequently (e.g., air conditioner thermostatic control). Output chatter also increases the dynamic supply
current.
Non-Inverting Comparator with Hysteresis
A non-inverting comparator with hysteresis requires a two-resistor network, as shown in Figure 4 and a voltage
reference (Vr) at the inverting input.
Figure 4. Non-Inverting Configuration with Hysteresis
When Vi is low, the output is also low. For the output to switch from low to high, Vi must rise up to Vtr. When Vi is high,
the output is also high. In order for the comparator to switch back to a low state, Vi must equal Vtf before the
non-inverting input V+ is again equal to Vr.
tr
V
R2
R1
R2
r
V
tf
V
2
1
1
)
tf
V
DD
(V
r
V
R
R
R
r
V
R2
2
1
tr
V
R
R 
DD
V
R2
1
r
V
R2
2
1
tf
V
R
R
R
DD
V
R2
1
tf
V
tr
V
hyst
V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com