Electronic Components Datasheet Search
  English  ▼

X  

MSM6895GS-BK Datasheet(PDF) 36 Page - OKI electronic componets

Part # MSM6895GS-BK
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6895GS-BK Datasheet(HTML) 36 Page - OKI electronic componets

Back Button MSM6895GS-BK Datasheet HTML 32Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 33Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 34Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 35Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 36Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 37Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 38Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 39Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 40Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Gain control
WRITE Mode
Address Data
AD1 = 1, AD0 = 1
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
10
X
X
X
X
0
0
01
1X
11
X
X
10
X
X
01
X
X
00
X
X
Remarks
The gain setting of the transmit path
and the receive path can be performed
simultaneously, not independently.
Control
Sets the transmit PB tone and hold tone level at the typical
value.(Initial setting)
Sets the transmit PB tone and hold tone level by 3 dB below the
typical value.
Sets the transmit PB tone and hold tone level by 6 dB below the
typical value.
Sets the receive gain at the typical value. (Initial setting)
Sets the receive gain by 3 dB above the typical value.
Sets the receive gain by 6 dB above the typical value.
Sets the receive gain by 9 dB above the typical value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com