Electronic Components Datasheet Search
  English  ▼

X  

MSM6895GS-BK Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM6895GS-BK
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6895GS-BK Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM6895GS-BK Datasheet HTML 35Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 36Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 37Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 38Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 39Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 40Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 41Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 42Page - OKI electronic componets MSM6895GS-BK Datasheet HTML 43Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
¡ Semiconductor
MSM6895/6896
39/43
Application circuit at the PCM Signal Data Rate of 192, 384, 768, 1536 and 2048
kbps.
BCLOCK signal
When the PCM signal data rate is one of 192, 384, 768, 1536, and 2048 kbps, input the 9-bit burst
clock corresponding to the frequency equivalent to each of the data rates, as CK64 signal.
PCMIN/OUT
CK64
CK8
125 mS
12345 6 7 8
1 23456 789
Burst clock generator
Burst Clock
CK64
CK8
MSM6895/6896
Equivalent to the 74LS161
+5 V
16
11 10
9
12
7
8
0 V
Continuous Clock
8 kHz
Syncronous Signal
Syncronous Signal
Continuous Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com