Electronic Components Datasheet Search
  English  ▼

X  

MSM6927 Datasheet(PDF) 23 Page - OKI electronic componets

Part # MSM6927
Description  1200 bps Single Chip FSK MODEM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6927 Datasheet(HTML) 23 Page - OKI electronic componets

Back Button MSM6927 Datasheet HTML 19Page - OKI electronic componets MSM6927 Datasheet HTML 20Page - OKI electronic componets MSM6927 Datasheet HTML 21Page - OKI electronic componets MSM6927 Datasheet HTML 22Page - OKI electronic componets MSM6927 Datasheet HTML 23Page - OKI electronic componets MSM6927 Datasheet HTML 24Page - OKI electronic componets MSM6927 Datasheet HTML 25Page - OKI electronic componets MSM6927 Datasheet HTML 26Page - OKI electronic componets MSM6927 Datasheet HTML 27Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
¡ Semiconductor
MSM6927/6947
23/31
25
20
21
19
SG1
AIN
AO
AG
R4
R6
R7
R5
C0
+
–
R2
R3
+
–
R1 C2
C1
600
W : 600 W
C3
+6 dBm
0 dBm
–6 dBm
0 dBm
–6 dBm
Phone
Line
Figure 9 MSM6927RS/MSM6947RS Application
Note: The signal level on the AIN pin should not exceed –6 dBm.
C0, C1
C2
C3
R1
0.047
mF
2.2
mF
1
mF
600
W
R2
R3
R4
R5
51 k
W
51 k
W
51 k
W
(51 k
W) Transmit signal level
R6
R7
R8
R9
(51 k
W) Receive signal level
51 k
W
(33 k
W) Carrier detect level
51 k
W
X2
X1
External
Oscillator
*1
*2
External Oscillator Connection
*1
*2
TTL or Hi-Speed CMOS GATE
Left unconnected
200 pF
VD
3.58 MHz
GATE
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com