Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel LCD Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
HTG2190
Rev. 1.00
13
June 29, 2001
In a similar case, if the stack is full and a CALL
is subsequently executed, stack overflow occurs
and the first entry will be lost (only the most re-
cent eight return address are stored).
Data memory - RAM
· Bank 0 (BP4~BP0=00000)
The Bank 0 data memory includes special
purpose and general purpose memory. The
special purpose memory is addressed from
00H to 3FH. All data memory areas can han-
dle arithmetic, logic, increment, decrement
and rotate operations directly. Except for
some dedicated bits, each bit in the data
memory can be set and reset by the SET [m].i
and CLR [m].i instructions, respectively. They
are also indirectly accessible through the mem-
ory pointer registers (MP0;01H, MP1;03H).
· Bank 1~11 (BP4~BP0=0001B~1011B)
The range of RAM starting from 40H to FFH
are for general purpose. Only MP1 can deal
with the memory of this range.
· Bank 14/15 (BP4~BP0=01110B~01111B)
The range of RAM starts from 80H to FFH.
Every bit stands for one dot on the LCD. If the
bit is "1", the light of the dot on the LCD will
be turned on. If the bit is "0", then it will be
turned off. Only MP1 can deal with the mem-
ory of this range.
The contrast form of RAM location, COM-
MON, and SEGMENT is as follows.
LCD driver output
The maximum output number of the HTG2190
LCD driver is 16´64. The Common output sig-
nal can be selected as 16 com or 8 com by mask
option. The LCD driver bias type is "C" type, ex-
ternal capacitor is required and the bias voltage
is 1/4 bias. Some of the Segment outputs share
pins with I/O pins, PE0~PE7 (SEG40~47),
PD0~PD7(SEG48~55) and PC0~PC7 (SEG56~63).
Whether segment output or I/O pin can be de-
cided by mask option.
LCD driver output can be enabled or disabled
by setting COL3 (bit 6 of COL3; 2EH) without
the influence of the related memory condition.
TM R 2
TM R 2 C
IN T C 1
TB H P
TM R 3
TM R 3 C
PW M C
PW M
X' T AL C
CO L 3
C o m m on P ad Addr es s R o t a t o r
D / A D at a Lo w e r - or de r B y t e R egi s t er
D / A D at a H i gher - o r der B y t e R egi s t er
V o l u m e C on t r ol R eg i s t e r
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0AH
0B H
0C H
0D H
0E H
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1AH
1B H
1C H
IAR 0
MP 0
IAR 1
MP 1
BP
ACC
PC L
TB L P
TB L H
WD T S
ST AT U S
IN T C 0
TM R 0 H
TM R 0 L
TM R 0 C
TM R 1 H
TM R 1 L
TM R 1 C
PA
PAC
PB
PB C
PC
PC C
PD
PD C
PE
PE C
P A I / O D at a R egi s t er
P A I / O C ont r o l R egi s t e r
P B I / O D at a R egi s t er
P B I / O C ont r o l R egi s t e r
P C I / O D at a R egi s t er
P C I /O C o n tr o l R e g i s t e r
P D I / O D at a R egi s t er
P D I/O C o n tr o l
P E I / O D at a R egi s t er
P E I / O C ont r o l R egi s t e r
I ndi r e c t Addr es s i ng R egi s t er 0
M e m o r y P oi nt er 0
I ndi r e c t Addr es s i ng R egi s t er 1
M e m o r y P oi nt er 1
B ank P oi nt er
Accu m u l a t o r
P r ogr am C ount er Low er - b y t e R egi s t er
T a bl e P o i n t e r Low er - o r d er B y t e R e gi s t er
T a bl e H i gher - o r der B y t e R egi s t er
W a t c hd og T i m e r O p t i on S e t t i n g R egi s t er
S t at us R eg i s t e r
I n t e r r upt C on t r ol R eg i s t e r 0
T i m e r C o unt er 0 H i gher - o r der B y t e R egi s t er
T i m e r C o unt er 0 L o w er - o r der B y t e R egi s t e r
T i m e r C o unt er 0 C ont r o l R egi s t e r
T i m e r / E v ent C ount er 1 H i ghe r - or der B y t e R egi s t e r
T i m e r / E v ent C ount er 1 Low - o r der B y t e R egi s t er
T i m e r / E v ent C ount er 1 C on t r ol R e g i s t e r
S pec i a l P u r pos e
D a t a M em or y
I n t e r r upt C on t r ol R eg i s t e r 1
T a bl e P o i n t e r H i gh er - o r d e r B y t e R e g i s t er
T i m e r 2 R egi s t er
T i m e r 2 C ont r o l R egi s t er
T i m e r 3 R egi s t er
T i m e r 3 C ont r o l R egi s t er
X ' t a l F a s t O s c i l l at or up C ont r o l
P W M C ont r o l
PW M D a t a
S e r i al C ont r o l
S e r i al D at a
C o lo r 0 P a le t t e s
C o lo r 1 P a le t t e s
C o lo r 2 P a le t t e s
C o lo r 3 P a le t t e s
B ank 14 D a t a M em or y
( 128 B y t e )
G ene r a l P u r p os e
B ank 0 D at a M e m o r y
( 192 B y t e )
B ank 15 D a t a M em or y
( 128 B y t e )
G ene r a l P u r p os e
B ank 11 D a t a M em or y
( 192 B y t e )
G ene r a l P u r p os e
B ank 1 D at a M e m o r y
( 192 B y t e )
CO M R
DAL
DAH
VO L C
SE R C
S E RDAT A
CO L 0
CO L 1
CO L 2
1D H
1E H
1F H
20H
21H
22H
23H
24H
25H
26H
27H
28H
29H
2AH
2B H
2C H
2D H
2E H
2F H
30H
31H
32H
33H
3F H
40H
FF H
40H
FF H
40H
FF H
80H
FF H
80H
FF H
: U n u s e d
RAM mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com